Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-EPH3006-F3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-EPH3006-F3
Description  Hyperfast Rectifier, 30 A FRED Pt
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-EPH3006-F3 Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-EPH3006-F3 Datasheet HTML 1Page - Vishay Siliconix VS-EPH3006-F3 Datasheet HTML 2Page - Vishay Siliconix VS-EPH3006-F3 Datasheet HTML 3Page - Vishay Siliconix VS-EPH3006-F3 Datasheet HTML 4Page - Vishay Siliconix VS-EPH3006-F3 Datasheet HTML 5Page - Vishay Siliconix VS-EPH3006-F3 Datasheet HTML 6Page - Vishay Siliconix VS-EPH3006-F3 Datasheet HTML 7Page - Vishay Siliconix VS-EPH3006-F3 Datasheet HTML 8Page - Vishay Siliconix VS-EPH3006-F3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
New Product
VS-APH3006-F3, VS-APH3006-N3, VS-EPH3006-F3, VS-EPH3006-N3
www.vishay.com
Vishay Semiconductors
Revision: 05-Apr-12
2
Document Number: 93571
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DYNAMIC RECOVERY CHARACTERISTICS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
trr
IF = 1 A, dIF/dt = 50 A/μs, VR = 30 V
-
26
35
ns
TJ = 25 °C
IF = 30 A
dIF/dt = 200 A/μs
VR = 200 V
-26
-
TJ = 125 °C
-
70
-
Peak recovery current
IRRM
TJ = 25 °C
-
3.5
-
A
TJ = 125 °C
-
7.6
-
Reverse recovery charge
Qrr
TJ = 25 °C
-
50
-
nC
TJ = 125 °C
-
280
-
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 65
-
175
°C
Thermal resistance,
junction to case
RthJC
-0.7
1.1
°C/W
Thermal resistance,
junction to ambient per leg
RthJA
Typical socket mount
-
-
70
Thermal resistance,
case to heatsink
RthCS
Mounting surface, flat, smooth and
greased
-0.5
-
Weight
-5.5
-
g
-0.2
-
oz.
Mounting torque
1.2
(10)
-
2.4
(20)
kgf · cm
(lbf · in)
Marking device
Case style TO-247AC
APH3006
Case style TO-247AC modified
EPH3006


Similar Part No. - VS-EPH3006-F3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-EPH3006-N3 VISHAY-VS-EPH3006-N3 Datasheet
199Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt짰
01-Jan-2022
More results

Similar Description - VS-EPH3006-F3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ETH3006S-M3 VISHAY-ETH3006S-M3 Datasheet
194Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 21-Apr-11
APH3006-F3 VISHAY-APH3006-F3 Datasheet
230Kb / 10P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 24-May-11
30EPH06PBF VISHAY-30EPH06PBF_11 Datasheet
152Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 04-Apr-11
30ETH06PBF VISHAY-30ETH06PBF_11 Datasheet
152Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 28-Apr-11
30ETH06SPBF VISHAY-30ETH06SPBF_10 Datasheet
176Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 11-Mar-10
ETH3006-M3 VISHAY-ETH3006-M3 Datasheet
197Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 18-Apr-11
30ETH06FP-F3 VISHAY-30ETH06FP-F3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 16-Nov-11
VS-ETH3006-M3 VISHAY-VS-ETH3006-M3 Datasheet
199Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 18-Apr-11
VS-30ETH06STRLPBF VISHAY-VS-30ETH06STRLPBF Datasheet
175Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 11-Mar-10
VS-30CTH02SHM3 VISHAY-VS-30CTH02SHM3_V01 Datasheet
159Kb / 7P
   Hyperfast Rectifier, 30 A FRED Pt®
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com