Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WKO222MCPCRAKR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # WKO222MCPCRAKR
Description  AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WKO222MCPCRAKR Datasheet(HTML) 3 Page - Vishay Siliconix

  WKO222MCPCRAKR Datasheet HTML 1Page - Vishay Siliconix WKO222MCPCRAKR Datasheet HTML 2Page - Vishay Siliconix WKO222MCPCRAKR Datasheet HTML 3Page - Vishay Siliconix WKO222MCPCRAKR Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WKO Series
www.vishay.com
Vishay Draloric
Revision: 05-Apr-13
3
Document Number: 22204
For technical questions, contact: slcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LEAKAGE CURRENT VS. VOLTAGE (typical)
IMPEDANCE VS. FREQUENCY (typical)
APPROVALS
IEC 60384-14.3 - Safety tests
This approval together with CB test certificate substitutes all national approvals.
CB Certificate
Y2-capacitor: CB test certificate:
US-19595-UL
33 pF to 4.7 nF
300 VAC
X1-capacitor: CB test certificate:
US-19595-UL
33 pF to 4.7 nF
440 VAC
Minimum thickness of insulation: 0.4 mm
VDE
Y2-capacitor: VDE marks approval:
136820
33 pF to 4.7 nF
300 VAC
X1-capacitor: VDE marks approval:
136820
33 pF to 4.7 nF
440 VAC
DIN EN 60384-14 VDE 0565-1-1:2006-04 - Safety tests
Minimum thickness of insulation: 0.4 mm
Underwriters Laboratories Inc./Canadian Standards Association
Y2-capacitor: UL-test certificate:
E183844
33 pF to 4.7 nF
300 VAC
X1-capacitor: UL-test certificate:
E183844
33 pF to 4.7 nF
440 VAC
UL 60384-14.1, CSA E60384-1:03 2nd edition, CSA E60384-14:09 2nd edition
Across-the-line, antenna-coupling and line-by-pass component
Minimum thickness of insulation: 0.4 mm
0
1000
2000
3000
0
500
1000
1500
2000
2500
U
R (V~)
1 nF
3.3 nF
4.7 nF
2.2 nF
0.01
0.1
1
10
1
10
100
1000
f (MHz)
RELATED DOCUMENTS
General Information
www.vishay.com/doc?22001
CB Test Certificate
www.vishay.com/doc?22217
VDE Marks Approval
www.vishay.com/doc?22219
UL Test Certificate
www.vishay.com/doc?22218


Similar Part No. - WKO222MCPCRAKR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WKO222 VISHAY-WKO222 Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 05-Apr-13
WKO222CPKR VISHAY-WKO222CPKR Datasheet
147Kb / 5P
   EMI Suppression Capacitor, Ceramic Disc, Class X1, 440 VAC, Class Y2, 300 VAC
01-Jan-2022
More results

Similar Description - WKO222MCPCRAKR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY2222M35Y5US63V7 VISHAY-VY2222M35Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
WKO VISHAY-WKO Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 05-Apr-13
VKO VISHAY-VKO Datasheet
138Kb / 4P
   AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
10-Sep-2021
VY2222M35Y5US63V0 VISHAY-VY2222M35Y5US63V0 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5UG63V7 VISHAY-VY2222M35Y5UG63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2472M49Y5US63V7 VISHAY-VY2472M49Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2471K29Y5SS63V7 VISHAY-VY2471K29Y5SS63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2332M41Y5US6TV5 VISHAY-VY2332M41Y5US6TV5 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2102M29Y5US63V7 VISHAY-VY2102M29Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
AY2 VISHAY-AY2 Datasheet
365Kb / 13P
   Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 06-Oct-16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com