Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VY1102M35Y5UQ6 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VY1102M35Y5UQ6
Description  Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VY1102M35Y5UQ6 Datasheet(HTML) 3 Page - Vishay Siliconix

  VY1102M35Y5UQ6 Datasheet HTML 1Page - Vishay Siliconix VY1102M35Y5UQ6 Datasheet HTML 2Page - Vishay Siliconix VY1102M35Y5UQ6 Datasheet HTML 3Page - Vishay Siliconix VY1102M35Y5UQ6 Datasheet HTML 4Page - Vishay Siliconix VY1102M35Y5UQ6 Datasheet HTML 5Page - Vishay Siliconix VY1102M35Y5UQ6 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EMI/RFI Y1-VY1
Ceramic Disc Capacitors
Safety Standard Approved Disc AC Capacitors
Vishay BCcomponents
Document Number: 28537
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 15-Oct-09
84
LEADSPACING 10.0 mm
Note
• The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel or in ammopack
STRAIGHT LEADS
PACKAGING
CAPACITANCE
VALUE
SIZE CODE
BODY DIAMETER
D max.
(mm)
PACKAGING QUANTITIES
BULK
REEL
AMMO
10 pF to 2200 pF
31 ~ 47
12.0
1000
500
750
3300 pF to 4700 pF
51 ~ 63
16.0
500
500
750
D max.
F
d = 0.6 mm
coating
extension
ΔR
3.0 max.
30 mm - 3.0 mm (
ΔR)
S max.
A
detail A
D
0
F
L
P
1
P
2
P
0
t
t
1
T
D
P
Δp
Ø d
F
W
1
W
2
W
0 W
H
0
H
1
e
Fig. 2 Lead spacing 10 mm, sprocket hole pitch 25.04 mm for lead spacing
Δp
Δh
Δh


Similar Part No. - VY1102M35Y5UQ6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY1102M35Y5UQ6 VISHAY-VY1102M35Y5UQ6 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 11-Jun-12
VY1102M35Y5UQ6V0 VISHAY-VY1102M35Y5UQ6V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 12-Apr-10
VY1102M35Y5UQ6V0 VISHAY-VY1102M35Y5UQ6V0 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
VY1102M35Y5UQ6V0 VISHAY-VY1102M35Y5UQ6V0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 11-Jun-12
VY1102M35Y5UQ6V0 VISHAY-VY1102M35Y5UQ6V0 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors Class X1, 760 VAC, Class Y1, 500 VAC
Revision: 12-Apr-10
More results

Similar Description - VY1102M35Y5UQ6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
EMIY2-VY2 VISHAY-EMIY2-VY2 Datasheet
171Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
Revision: 12-Oct-07
VY1COMPACT VISHAY-VY1COMPACT Datasheet
195Kb / 8P
   Singlelayer AC disc safety capacitors
Revision: 16-Jan-17
VY1 VISHAY-VY1 Datasheet
190Kb / 8P
   Singlelayer AC disc safety capacitors
Revision: 16-Jan-17
logo
Panasonic Semiconductor
ECK-ATS102ME PANASONIC-ECK-ATS102ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ANA472ME PANASONIC-ECK-ANA472ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-NVS222ME PANASONIC-ECK-NVS222ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS102MB PANASONIC-ECK-ATS102MB Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS103MF PANASONIC-ECK-ATS103MF Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-DNA222ME PANASONIC-ECK-DNA222ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com