Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC6392S Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDC6392S
Description  20V Integrated P-Channel PowerTrench MOSFET and Schottky Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6392S Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDC6392S Datasheet HTML 1Page - Fairchild Semiconductor FDC6392S Datasheet HTML 2Page - Fairchild Semiconductor FDC6392S Datasheet HTML 3Page - Fairchild Semiconductor FDC6392S Datasheet HTML 4Page - Fairchild Semiconductor FDC6392S Datasheet HTML 5Page - Fairchild Semiconductor FDC6392S Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDC6392S Rev C(W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Notes:
1. R
θJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. R
θJC is guaranteed by design while RθCA is determined by the user's board design.
a) 130
°C/W when
mounted on a 0.125
in
2 pad of 2 oz.
copper.
b) 140°C/W when mounted
on a .004 in
2 pad of 2 oz
copper
c) 180°C/W when mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - FDC6392S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6301 FAIRCHILD-FDC6301 Datasheet
73Kb / 4P
   Dual N-Channel , Digital FET
FDC6301N FAIRCHILD-FDC6301N Datasheet
73Kb / 4P
   Dual N-Channel , Digital FET
FDC6301N FAIRCHILD-FDC6301N Datasheet
374Kb / 5P
   Dual N-Channel , Digital FET
logo
TECH PUBLIC Electronics...
FDC6301N-TP TECHPUBLIC-FDC6301N-TP Datasheet
870Kb / 3P
   Dual N-Channel Enhancement Mode MOSFET
logo
Fairchild Semiconductor
FDC6301N FAIRCHILD-FDC6301N_01 Datasheet
374Kb / 5P
   Dual N-Channel , Digital FET
More results

Similar Description - FDC6392S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDFC2P100 FAIRCHILD-FDFC2P100 Datasheet
344Kb / 6P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode -20V, -3A, 150mohm
FDFMA2P029Z FAIRCHILD-FDFMA2P029Z Datasheet
412Kb / 8P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode -20V, -3.1A, 95mohm
FDFMA2P857 FAIRCHILD-FDFMA2P857 Datasheet
420Kb / 8P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode -20V, -3.0A, 120mohm
FDFM2P110 FAIRCHILD-FDFM2P110 Datasheet
521Kb / 7P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFS2P103A FAIRCHILD-FDFS2P103A Datasheet
144Kb / 6P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFMA2P853 FAIRCHILD-FDFMA2P853 Datasheet
307Kb / 7P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFS2P103 FAIRCHILD-FDFS2P103 Datasheet
295Kb / 9P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFS2P102A FAIRCHILD-FDFS2P102A Datasheet
145Kb / 6P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFMC2P120 FAIRCHILD-FDFMC2P120 Datasheet
123Kb / 7P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFS2P106A FAIRCHILD-FDFS2P106A Datasheet
91Kb / 6P
   Integrated 60V P-Channel PowerTrench??MOSFET and Schottky Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com