Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD720114K9 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD720114K9
Description  Old Company Name in Catalogs and Other Documents
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD720114K9 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD720114K9 Datasheet HTML 1Page - Renesas Technology Corp UPD720114K9 Datasheet HTML 2Page - Renesas Technology Corp UPD720114K9 Datasheet HTML 3Page - Renesas Technology Corp UPD720114K9 Datasheet HTML 4Page - Renesas Technology Corp UPD720114K9 Datasheet HTML 5Page - Renesas Technology Corp UPD720114K9 Datasheet HTML 6Page - Renesas Technology Corp UPD720114K9 Datasheet HTML 7Page - Renesas Technology Corp UPD720114K9 Datasheet HTML 8Page - Renesas Technology Corp UPD720114K9 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version. Not all products and/or types are available in every country. Please check
with an NEC Electronics sales representative for availability and additional information.
MOS INTEGRATED CIRCUIT
μPD720114
ECOUSB
TM Series
USB 2.0 HUB CONTROLLER
Document No.
S17462EJ6V0DS00 (6th edition)
Date Published December 2009 NS
Printed in Japan
DATA SHEET
The mark "<R>" shows major revised points.
2005
The
μPD720114 is a USB 2.0 hub device that complies with the Universal Serial Bus (USB) Specification Revision
2.0 and works up to 480 Mbps. USB 2.0 compliant transceivers are integrated for upstream and all downstream ports.
The
μPD720114 works backward compatible either when any one of the downstream ports is connected to a USB 1.1
compliant device, or when the upstream port is connected to a USB 1.1 compliant host.
Detailed function descriptions are provided in the following user’s manual. Be sure to read the manual before designing.
μPD720114 User’s Manual: S17463E
FEATURES
• Compliant with Universal Serial Bus Specification Revision 2.0 (Data Rate 1.5/12/480 Mbps)
• High-speed or full-speed packet protocol sequencer for Endpoint 0/1
• 4 (Max.) downstream facing ports
• Low power consumption (10
μA when hub in idle status, 149 mA when all parts run in HS mode)
• All downstream facing ports can handle high-speed (480 Mbps), full-speed (12 Mbps), and low-speed (1.5
Mbps) transaction.
• Supports split transaction to handle full-speed and low-speed transaction on downstream facing ports when
Hub controller is working in high-speed mode.
• One Transaction Translator per Hub and supports four non-periodic buffers
• Supports self-powered and bus-powered mode
• Supports individual or global over-current detection and individual or ganged power control
• Supports downstream port status with LED
• Supports non-removable devices by I/O pin configuration
• Support Energy Star for PC peripheral system
• On chip Rpu, Rpd resistors and regulator (for core logic)
• Use 30 MHz crystal
• 3.3 V power supply


Similar Part No. - UPD720114K9

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720114 NEC-UPD720114 Datasheet
300Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD720114GA-9EU-A NEC-UPD720114GA-9EU-A Datasheet
300Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD720114GA-9EU-A NEC-UPD720114GA-9EU-A Datasheet
271Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD720114GA-YEU-A NEC-UPD720114GA-YEU-A Datasheet
271Kb / 32P
   MOS INTEGRATED CIRCUIT
UPD720114 NEC-UPD720114_07 Datasheet
271Kb / 32P
   MOS INTEGRATED CIRCUIT
More results

Similar Description - UPD720114K9

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
   Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1115A RENESAS-2SB1115A Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB736 RENESAS-2SB736 Datasheet
312Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SC1622A RENESAS-2SC1622A Datasheet
363Kb / 6P
   Old Company Name in Catalogs and Other Documents
UPA1914 RENESAS-UPA1914 Datasheet
201Kb / 10P
   Old Company Name in Catalogs and Other Documents
2SD1007 RENESAS-2SD1007 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1301 RENESAS-2SB1301 Datasheet
224Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1699 RENESAS-2SD1699 Datasheet
322Kb / 6P
   Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
UPA1774G-E1-A RENESAS-UPA1774G-E1-A Datasheet
305Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com