Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

145805060000829 Datasheet(PDF) 2 Page - AVX Corporation

Part # 145805060000829
Description  0.4 mmPitch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

145805060000829 Datasheet(HTML) 2 Page - AVX Corporation

  145805060000829 Datasheet HTML 1Page - AVX Corporation 145805060000829 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.4mm Pitch
SERIES
5805 プラグ/リセSTSMT
Plug/Receptacle Vertical SMT
●Plug
●Receptacle
注文コード ORDERING CODE
14 5805 XXX 00X 829+
極数 Number of positions
0
:金具無し・ボス無し
  Without metal tab or boss
1
:金具無し・ボス有り
  Without metal tab, With boss
注文コード ORDERING CODE
24 5805 XXX 00X 829+
極数 Number of positions
0
:金具無し・ボス無し
  Without metal tab or boss
1
:金具無し・ボス有り
  Without metal tab, With boss
梱包数量:2000個/リール
PACKING QUANTITY
:2000/Reel
RoHS 対応品
RoHS Compliant Product
RoHS 対応品
RoHS Compliant Product
注)生産可能極数については営業部にご確認願います。
Note) Feel free to contact our sales department
for available numbers of positions.
注)生産可能極数については営業部にご確認願います。
Note) Feel free to contact our sales department
for available numbers of positions.
梱包数量:2000個/リール
PACKING QUANTITY
:2000/Reel


Similar Part No. - 145805060000829

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1458059 PHOENIX-1458059 Datasheet
102Kb / 4P
   Double valve connector cable - SAC-10,0/0,15-116/2XA-1L-Z
More results

Similar Description - 145805060000829

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
245805040000829 AVX-245805040000829 Datasheet
151Kb / 2P
   0.4 mmPitch
14-5602-024-001-829 AVX-14-5602-024-001-829 Datasheet
291Kb / 6P
   0.4 mmPitch
14-5802-054-002-829 AVX-14-5802-054-002-829 Datasheet
461Kb / 2P
   0.4 mmPitch
24-5602-070-000-829 AVX-24-5602-070-000-829 Datasheet
291Kb / 6P
   0.4 mmPitch
14-5846-040-000-829 AVX-14-5846-040-000-829 Datasheet
282Kb / 3P
   0.4 mmPitch
145602016001829 AVX-145602016001829 Datasheet
256Kb / 4P
   0.4 Series 5602 mmPitch
145077050115861 AVX-145077050115861 Datasheet
244Kb / 5P
   1.0 mmPitch
14-5608-060-010-861 AVX-14-5608-060-010-861 Datasheet
415Kb / 4P
   0.8 mmPitch
14-5015-064-002-861 AVX-14-5015-064-002-861 Datasheet
225Kb / 3P
   1.0 mmPitch
logo
Everlight Electronics C...
ELD-425SYGWA EVERLIGHT-ELD-425SYGWA Datasheet
127Kb / 5P
   0.4 Dual Digit Displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com