Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4401TFR Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 2N4401TFR
Description  NPN General Pupose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2N4401TFR Datasheet(HTML) 2 Page - Fairchild Semiconductor

  2N4401TFR Datasheet HTML 1Page - Fairchild Semiconductor 2N4401TFR Datasheet HTML 2Page - Fairchild Semiconductor 2N4401TFR Datasheet HTML 3Page - Fairchild Semiconductor 2N4401TFR Datasheet HTML 4Page - Fairchild Semiconductor 2N4401TFR Datasheet HTML 5Page - Fairchild Semiconductor 2N4401TFR Datasheet HTML 6Page - Fairchild Semiconductor 2N4401TFR Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
IC = 1.0 mA, IB = 0
40
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 0.1 mA, IE = 0
60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 0.1 mA, IC = 0
6.0
V
IBL
Base Cutoff Current
VCE = 35 V, VEB = 0.4 V
0.1
µA
ICEX
Collector Cutoff Current
VCE = 35 V, VEB = 0.4 V
0.1
µA
ON CHARACTERISTICS*
hFE
DC Current Gain
IC = 0.1 mA, VCE = 1.0 V
IC = 1.0 mA, VCE = 1.0 V
IC = 10 mA, VCE = 1.0 V
IC = 150 mA, VCE = 1.0 V
IC = 500 mA, VCE = 2.0 V
20
40
80
100
40
300
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
0.4
0.75
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
0.75
0.95
1.2
V
V
SMALL SIGNAL CHARACTERISTICS
fT
Current Gain - Bandwidth Product
IC = 20 mA, VCE = 10 V,
f = 100 MHz
250
MHz
Ccb
Collector-Base Capacitance
VCB = 5.0 V, IE = 0,
f = 140 kHz
6.5
pF
Ceb
Emitter-Base Capacitance
VBE = 0.5 V, IC = 0,
f = 140 kHz
30
pF
hie
Input Impedance
IC = 1.0 mA, VCE = 10 V,
f = 1.0 kHz
1.0
15
k
hre
Voltage Feedback Ratio
IC = 1.0 mA, VCE = 10 V,
f = 1.0 kHz
0.1
8.0
x 10
-4
hfe
Small-Signal Current Gain
IC = 1.0 mA, VCE = 10 V,
f = 1.0 kHz
40
500
hoe
Output Admittance
IC = 1.0 mA, VCE = 10 V,
f = 1.0 kHz
1.0
30
µmhos
SWITCHING CHARACTERISTICS
td
Delay Time
VCC = 30 V, VEB = 2 V,
15
ns
tr
Rise Time
IC = 150 mA, IB1 = 15 mA
20
ns
ts
Storage Time
VCC = 30 V, IC = 150 mA
225
ns
tf
Fall Time
IB1 = IB2 = 15 mA
30
ns
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
Symbol
Parameter
Test Conditions
Min
Max
Units
NPN General Purpose Amplifier
(continued)


Similar Part No. - 2N4401TFR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4401TFR ONSEMI-2N4401TFR Datasheet
661Kb / 10P
   NPN General-Purpose Amplifier
September-2017, Rev. 2
More results

Similar Description - 2N4401TFR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4401 FAIRCHILD-2N4401_01 Datasheet
93Kb / 7P
   NPN General Pupose Amplifier
MMBT4401-D87Z FAIRCHILD-MMBT4401-D87Z Datasheet
98Kb / 7P
   NPN General Pupose Amplifier
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com