Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8JX-G10048C Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # S8JX-G10048C
Description  Offers Flexible Selection, High Reliability and Ease of Operation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8JX-G10048C Datasheet(HTML) 4 Page - Omron Electronics LLC

  S8JX-G10048C Datasheet HTML 1Page - Omron Electronics LLC S8JX-G10048C Datasheet HTML 2Page - Omron Electronics LLC S8JX-G10048C Datasheet HTML 3Page - Omron Electronics LLC S8JX-G10048C Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Information
List of Models
Note: For details on normal stock models, contact your nearest OMRON representative.
The Front-mounting Bracket is included with the product as a standard feature.
The Front-mounting Bracket is not included with the product.
The applicable range for EC Directives and safety standards (UL, EN, etc.) is
100 to 240 VAC (85 to 264 VAC).
Power Supplies with Covers for 300 W and 600 W
Power Supplies with Covers for 15 W to 150 W
Open-frame Power Supplies from 15 W to 150 W
DIN Rail-
mounting*2
Front-
mounting*1
100 to 120 VAC or
200 to 240 VAC
(DC input is not
supported)
100 to 120 VAC or
200 to 240 VAC
(DC input is not
supported)
DIN Rail-
mounting*2
DIN Rail-
mounting*2
Front-
mounting*1
Front-
mounting*1
S8JX-G01505
S8JX-G01512
S8JX-G01515
S8JX-G01524
S8JX-G01548
S8JX-G03005
S8JX-G03012
S8JX-G03015
S8JX-G03024
S8JX-G03048
S8JX-G05005
S8JX-G05012
S8JX-G05024
S8JX-G05048
S8JX-G10005
S8JX-G10012
S8JX-G10024
S8JX-G10048
S8JX-G15005
S8JX-G15012
S8JX-G15024
S8JX-G15048
S8JX-G01505D
S8JX-G01512D
S8JX-G01515D
S8JX-G01524D
S8JX-G01548D
S8JX-G03005D
S8JX-G03012D
S8JX-G03015D
S8JX-G03024D
S8JX-G03048D
S8JX-G05005D
S8JX-G05012D
S8JX-G05024D
S8JX-G05048D
S8JX-G10005D
S8JX-G10012D
S8JX-G10024D
S8JX-G10048D
S8JX-G15005D
S8JX-G15012D
S8JX-G15024D
S8JX-G15048D
3A
1.3A
1A
0.65A
0.35A
7A
3A
2.4A
1.5A
0.75A
10A
4.2A
2.1A
1.1A
20A
8.5A
4.5A
2.1A
30A
13A
6.5A
3.3A
3A
1.3A
1A
0.65A
0.35A
7A
3A
2.4A
1.5A
0.75A
10A
4.2A
2.1A
1.1A
20A
8.5A
4.5A
2.1A
30A
13A
6.5A
3.3A
5V
12V
15V
24V
48V
5V
12V
15V
24V
48V
5V
12V
24V
48V
5V
12V
24V
48V
5V
12V
24V
48V
5V
12V
15V
24V
48V
5V
12V
15V
24V
48V
5V
12V
24V
48V
5V
12V
24V
48V
5V
12V
24V
48V
S8JX-G30024C
S8JX-G60024C
S8JX-G30024CD
14A
27A
14A
300W
600W
300W
100 to 240
VAC
(wide-range)
Safety-standard and RoHS Compliant
S8JXN
15005
��only
80 to 370
VDC
(
)
S8JXN
15005
��only
35W
50W
100W
150W
15W
35W
50W
100W
150W
S8JX-G01505C
S8JX-G01512C
S8JX-G01515C
S8JX-G01524C
S8JX-G01548C
S8JX-G03005C
S8JX-G03012C
S8JX-G03015C
S8JX-G03024C
S8JX-G03048C
S8JX-G05005C
S8JX-G05012C
S8JX-G05024C
S8JX-G05048C
S8JX-G10005C
S8JX-G10012C
S8JX-G10024C
S8JX-G10048C
S8JX-G15005C
S8JX-G15012C
S8JX-G15024C
S8JX-G15048C
S8JX-G01505CD
S8JX-G01512CD
S8JX-G01515CD
S8JX-G01524CD
S8JX-G01548CD
S8JX-G03005CD
S8JX-G03012CD
S8JX-G03015CD
S8JX-G03024CD
S8JX-G03048CD
S8JX-G05005CD
S8JX-G05012CD
S8JX-G05024CD
S8JX-G05048CD
S8JX-G10005CD
S8JX-G10012CD
S8JX-G10024CD
S8JX-G10048CD
S8JX-G15005CD
S8JX-G15012CD
S8JX-G15024CD
S8JX-G15048CD
24V
Configuration
Input voltage
Power
ratings
Output
voltage
(VDC)
Output
voltage
(VDC)
Output
voltage
(VDC)
3A
1.3A
1A
0.65A
0.35A
7A
3A
2.4A
1.5A
0.75A
10A
4.2A
2.1A
1.1A
20A
8.5A
4.5A
2.1A
30A
13A
6.5A
3.3A
3A
1.3A
1A
0.65A
0.35A
7A
3A
2.4A
1.5A
0.75A
10A
4.2A
2.1A
1.1A
20A
8.5A
4.5A
2.1A
30A
13A
6.5A
3.3A
5V
12V
15V
24V
48V
5V
12V
15V
24V
48V
5V
12V
24V
48V
5V
12V
24V
48V
5V
12V
24V
48V
5V
12V
15V
24V
48V
5V
12V
15V
24V
48V
5V
12V
24V
48V
5V
12V
24V
48V
5V
12V
24V
48V
15W
Output
current
Model
Configuration
Input voltage
Power
ratings
Output
current
Model
Model
Configuration
Input voltage
Power
ratings
Output
current
100 to 120 VAC or
200 to 240 VAC
(switchable)
35W
50W
100W
150W
15W
35W
50W
100W
150W
*1.
*2.
*3.
*3
100 to 240
VAC
(wide-range)
80 to 370
VDC
(
)
*3
15W
For details, refer to the S8JX Data Sheet (Cat. No. T041-E1).
Cat. No. T043-E1-02
11/10
Note: Specifications are subject to change.
© 2010 Omron Electronics LLC
OMRON CANADA, INC. • HEAD OFFICE
Toronto, ON, Canada • 416.286.6465 • 866.986.6766
www.omron247.com
OMRON ELETRÔNICA DO BRASIL LTDA • HEAD OFFICE
São Paulo, SP, Brasil • 55.11.2101.6300 • www.omron.com.br
OMRON ELECTRONICS MEXICO SA DE CV • HEAD OFFICE
Apodaca, N.L. • 52.811.156.99.10 • 001.800.556.6766 • mela@omron.com
OMRON ARGENTINA • SALES OFFICE
Cono Sur • 54.11.4783.5300
OMRON CHILE • SALES OFFICE
Santiago • 56.9.9917.3920
OTHER OMRON LATIN AMERICA SALES
54.11.4783.5300
OMRON ELECTRONICS LLC • THE AMERICAS HEADQUARTERS • Schaumburg, IL USA • 847.843.7900 • 800.556.6766 • www.omron247.com
OMRON EUROpE B.V. Wegalaan 67-69, NL-2132 JD, Hoofddorp, The Netherlands. Tel: +31 (0) 23 568 13 00 Fax: +31 (0) 23 568 13 88 www.industrial.omron.eu
For details, refer to the S8JX Data Sheet (Cat. No. T041-E1).
T27I-E-01
Note: Specifications are subject to change.
© 2012 Omron Electronics LLC
Printed in U.S.A.
OMRON CANADA, INC. • HEAD OFFICE
Toronto, ON, Canada
• 416.286.6465 • 866.986.6766 • www.omron247.com
OMRON ELECTRONICS DE MEXICO • HEAD OFFICE
México DF
• 52.55.59.01.43.00 • 001.800.556.6766 • mela@omron.com
OMRON ELECTRONICS DE MEXICO • SALES OFFICE
Apodaca, N.L.
• 52.81.11.56.99.20 • 001.800.556.6766 • mela@omron.com
OMRON ELETRÔNICA DO BRASIL LTDA • HEAD OFFICE
São Paulo, SP, Brasil
• 55.11.2101.6300 • www.omron.com.br
OMRON ARGENTINA • SALES OFFICE
Cono Sur
• 54.11.4783.5300
OMRON CHILE • SALES OFFICE
Santiago
• 56.9.9917.3920
OTHER OMRON LATIN AMERICA SALES
54.11.4783.5300
OMRON AUTOMATION AND SAFETY • THE AMERICAS HEADQUARTERS • Schaumburg, IL USA • 847.843.7900 • 800.556.6766 • www.omron247.com
OMRON EUROpE B.V. • Wegalaan 67-69, NL-2132 JD, Hoofddorp, The Netherlands. • Tel: +31 (0) 23 568 13 00 • Fax: +31 (0) 23 568 13 88 • www.industrial.omron.eu


Similar Part No. - S8JX-G10048C

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8JX-G10048C OMRON-S8JX-G10048C Datasheet
2Mb / 28P
   Wide Variety of Output Voltage Variations: 48 V for 15 to 150 W, and 5 or 12 V for 150 W
S8JX-G10048CD OMRON-S8JX-G10048CD Datasheet
2Mb / 28P
   Wide Variety of Output Voltage Variations: 48 V for 15 to 150 W, and 5 or 12 V for 150 W
More results

Similar Description - S8JX-G10048C

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
AN5369 DYNEX-AN5369 Datasheet
58Kb / 3P
   Selection Of SCRs For Parallel Operation
logo
Omron Electronics LLC
V-15G2-1C26-K OMRON-V-15G2-1C26-K Datasheet
1Mb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
V-16-1A6 OMRON-V-16-1A6 Datasheet
449Kb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
logo
Microchip Technology
VP2450 MICROCHIP-VP2450 Datasheet
575Kb / 14P
   Ease of Paralleling
06/23/16
logo
Epson Company
S1R72U06 EPSON-S1R72U06 Datasheet
524Kb / 32P
   Ease of use and easy connections (serial connections)
logo
Seoul Semiconductor
SWW0CS07S SEOUL-SWW0CS07S Datasheet
829Kb / 23P
   High reliability and High quality of light
SWW0CS10B SEOUL-SWW0CS10B Datasheet
1Mb / 23P
   High reliability and High quality of light
SWW0CS10A SEOUL-SWW0CS10A Datasheet
1Mb / 23P
   High reliability and High quality of light
SWW0CQ10A SEOUL-SWW0CQ10A Datasheet
894Kb / 23P
   High reliability and High quality of light
SWW0CD10B SEOUL-SWW0CD10B Datasheet
1Mb / 23P
   High reliability and High quality of light
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com