Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD2572 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDD2572
Description  N-Channel PowerTrench MOSFET 150V, 29A, 54m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD2572 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDD2572 Datasheet HTML 1Page - Fairchild Semiconductor FDD2572 Datasheet HTML 2Page - Fairchild Semiconductor FDD2572 Datasheet HTML 3Page - Fairchild Semiconductor FDD2572 Datasheet HTML 4Page - Fairchild Semiconductor FDD2572 Datasheet HTML 5Page - Fairchild Semiconductor FDD2572 Datasheet HTML 6Page - Fairchild Semiconductor FDD2572 Datasheet HTML 7Page - Fairchild Semiconductor FDD2572 Datasheet HTML 8Page - Fairchild Semiconductor FDD2572 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
September 2002
FDD2572 / FDU2572 Rev. B
FDD2572 / FDU2572
N-Channel PowerTrench® MOSFET
150V, 29A, 54m
Features
•rDS(ON) = 45mΩ (Typ.), VGS = 10V, ID = 9A
•Qg(tot) = 26nC (Typ.), VGS = 10V
• Low Miller Charge
•Low QRR Body Diode
• UIS Capability (Single Pulse and Repetitive Pulse)
• Qualified to AEC Q101
Formerly developmental type 82860
Applications
• DC/DC converters and Off-Line UPS
• Distributed Power Architectures and VRMs
• Primary Switch for 24V and 48V Systems
• High Voltage Synchronous Rectifier
• Direct Injection / Diesel Injection Systems
• 42V Automotive Load Control
• Electronic Valve Train Systems
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For a
copy of the requirements, see AEC Q101 at: http://www.aecouncil.com/
Reliability data can be found at: http://www.fairchildsemi.com/products/discrete/reliability/index.html.
All Fairchild Semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems
certification.
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
150
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
29
A
Continuous (TC = 25
oC, V
GS = 10V)
Continuous (TC = 100
oC, V
GS = 10V)
20
A
Continuous (Tamb = 25
oC, V
GS = 10V, R
θJA = 52
oC/W)
4
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy (Note 1)
36
mJ
PD
Power dissipation
135
W
Derate above 25oC0.9
W/oC
TJ, TSTG
Operating and Storage Temperature
-55 to 175
oC
RθJC
Thermal Resistance Junction to Case TO-251, TO-252
1.11
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-251, TO-252
100
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252, 1in2 copper pad area
52
oC/W
S
G
D
GATE
(FLANGE)
DRAIN
SOURCE
TO-252AA
FDD SERIES
TO-251AA
FDU SERIES
(FLANGE)
DRAIN
GATE
DRAIN
SOURCE


Similar Part No. - FDD2572

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD2572 ISC-FDD2572 Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDD2572-F085 ONSEMI-FDD2572-F085 Datasheet
477Kb / 12P
   N-Channel PowerTrench짰 MOSFET 150V, 29A, 54m廓
September-2017, Rev.1
logo
VBsemi Electronics Co.,...
FDD2572-NL VBSEMI-FDD2572-NL Datasheet
1,004Kb / 9P
   N-Channel 150 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDD2572_F085 FAIRCHILD-FDD2572_F085_08 Datasheet
578Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 29A, 54m廓
More results

Similar Description - FDD2572

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB2572 FAIRCHILD-FDB2572 Datasheet
269Kb / 11P
   N-Channel PowerTrench MOSFET 150V, 29A, 54m?
FDP2572 FAIRCHILD-FDP2572_12 Datasheet
368Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 29A, 54m廓
logo
ON Semiconductor
FDD2572-F085 ONSEMI-FDD2572-F085 Datasheet
477Kb / 12P
   N-Channel PowerTrench짰 MOSFET 150V, 29A, 54m廓
September-2017, Rev.1
logo
Fairchild Semiconductor
FDD2572_F085 FAIRCHILD-FDD2572_F085_08 Datasheet
578Kb / 11P
   N-Channel PowerTrench짰 MOSFET 150V, 29A, 54m廓
logo
Guangdong Kexin Industr...
KDB2570 KEXIN-KDB2570 Datasheet
51Kb / 2P
   150V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS2570 FAIRCHILD-FDS2570_01 Datasheet
106Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDP2570 FAIRCHILD-FDP2570 Datasheet
81Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDC2512 FAIRCHILD-FDC2512 Datasheet
176Kb / 5P
   150V N-Channel PowerTrench MOSFET
FDS2070N7 FAIRCHILD-FDS2070N7 Datasheet
200Kb / 6P
   150V N-Channel PowerTrench MOSFET
FDD2512 FAIRCHILD-FDD2512 Datasheet
86Kb / 5P
   150V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com