Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD5202P Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDD5202P
Description  P-Channel, Logic Level, MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5202P Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDD5202P Datasheet HTML 1Page - Fairchild Semiconductor FDD5202P Datasheet HTML 2Page - Fairchild Semiconductor FDD5202P Datasheet HTML 3Page - Fairchild Semiconductor FDD5202P Datasheet HTML 4Page - Fairchild Semiconductor FDD5202P Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDD5202P, Rev. A
Typical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation
with Drain Current and Gate Voltage.
Figure 3. On-Resistance Variation
with Temperature.
Figure 4. On-Resistance Variation
with Gate-to-Source Voltage.
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage
Variation with Source Current
and Temperature.
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
o
C)
ID = -2.3A
VGS = -10V
0
3
6
9
12
15
024
68
10
-VDS, DRAIN-SOURCE VOLTAGE (V)
-6V
-5.0V
-4.5V
-7.0V
VGS = -10V
-4.0V
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
0
3
6
9
12
15
-ID, DIRAIN CURRENT (A)
VGS = -4.5V
-5.0V
-6.0V
-7.0V
-8.0V
-10V
0
0.2
0.4
0.6
0.8
3456789
10
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -1.5A
TA = 125
o
C
TA = 25
o
C
0.0001
0.001
0.01
0.1
1
10
100
0
0.4
0.8
1.2
1.6
2
-VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
TA = 125
o
C
25
o
C
-55
o
C
0
2
4
6
8
10
0
246
8
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
o
C
25
o
C
125
o
C
VDS = -5V


Similar Part No. - FDD5202P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDD5-250 ETC2-FDD5-250 Datasheet
136Kb / 3P
   Insulated Crimp Terminals Metric
logo
Fairchild Semiconductor
FDD5353 FAIRCHILD-FDD5353 Datasheet
285Kb / 6P
   N-Channel Power Trench짰 MOSFET 60V, 50A, 12.3m廓
logo
Guangdong Youtai Semico...
FDD5353 UMW-FDD5353 Datasheet
515Kb / 6P
   60V N-Channel MOSFET
logo
Inchange Semiconductor ...
FDD5353 ISC-FDD5353 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD5612 FAIRCHILD-FDD5612 Datasheet
147Kb / 5P
   60V N-Channel PowerTrench??MOSFET
More results

Similar Description - FDD5202P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM2319P ANALOGPOWER-AM2319P Datasheet
292Kb / 6P
   P - Channel Logic Level MOSFET
AM2317P ANALOGPOWER-AM2317P Datasheet
243Kb / 6P
   P - Channel Logic Level MOSFET
AM2313P ANALOGPOWER-AM2313P Datasheet
245Kb / 5P
   P - Channel Logic Level MOSFET
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
FDS4435 FAIRCHILD-FDS4435 Datasheet
637Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
FDS6685 FAIRCHILD-FDS6685 Datasheet
204Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
SI9435DY FAIRCHILD-SI9435DY Datasheet
101Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com