Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD5690 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDD5690
Description  60V N-Channel PowerTrench??MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5690 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDD5690 Datasheet HTML 1Page - Fairchild Semiconductor FDD5690 Datasheet HTML 2Page - Fairchild Semiconductor FDD5690 Datasheet HTML 3Page - Fairchild Semiconductor FDD5690 Datasheet HTML 4Page - Fairchild Semiconductor FDD5690 Datasheet HTML 5Page - Fairchild Semiconductor FDD5690 Datasheet HTML 6Page - Fairchild Semiconductor FDD5690 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FDD5690,Rev.B
FDD5690
60V N-Channel PowerTrenchTM MOSFET
June 1999
PRELIMINARY
1999 Fairchild Semiconductor Corporation
G
S
D
TO-252
S
D
G
Features
• 30 A, 60 V. R
DS(ON) = 0.027Ω @ VGS = 10 V
R
DS(ON) = 0.032 Ω @ VGS = 6 V.
• Low gate charge (23nC typical).
• Fast switching speed.
• High performance trench technology for extremely
low R
DS(ON).
General Description
This N-Channel MOSFET has been designed specifically
to improve the overall efficiency of DC/DC converters using
either synchronous or conventional switching PWM
controllers.
These MOSFETs feature faster switching and lower gate
charge than other MOSFETs with comparable R
DS(ON)
specifications.
The result is a MOSFET that is easy and safer to drive
(even at very high frequencies), and DC/DC power supply
designs with higher overall efficiency.
Absolute Maximum Ratings
TC=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
60
V
VGSS
Gate-Source Voltage
±20
V
ID
Maximum Drain Current
-Continuous
(Note 1)
30
(Note 1a)
9
Maximum Drain Current
-Pulsed
100
A
Maximum Power Dissipation @ TC = 25
oC
(Note 1)
50
TA = 25
oC
(Note 1a)
3.2
PD
TA = 25
oC
(Note 1b)
1.3
W
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
R
θJC
Thermal Resistance, Junction-to- Case
(Note 1)
2.5
°C/W
R
θJA
Thermal Resistance, Junction-to- Ambient
(Note 1a)
40
°C/W
(Note 1b)
96
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDD5690
FDD5690
13’’
16mm
2500


Similar Part No. - FDD5690

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD5690 FAIRCHILD-FDD5690 Datasheet
167Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
logo
Inchange Semiconductor ...
FDD5690 ISC-FDD5690 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD5690 FAIRCHILD-FDD5690_02 Datasheet
167Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDD5690

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS5680 FAIRCHILD-FDS5680 Datasheet
261Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
   60V N-Channel PowerTrench??MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS5690 FAIRCHILD-FDS5690 Datasheet
236Kb / 8P
   60V N-Channel PowerTrench MOSFET
FDS5170N7 FAIRCHILD-FDS5170N7 Datasheet
201Kb / 6P
   60V N-Channel PowerTrench MOSFET
FDP5645 FAIRCHILD-FDP5645 Datasheet
422Kb / 10P
   60V N-Channel PowerTrench MOSFET
FDD5612 FAIRCHILD-FDD5612 Datasheet
147Kb / 5P
   60V N-Channel PowerTrench??MOSFET
SI4450DY FAIRCHILD-SI4450DY Datasheet
98Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDN5630 FAIRCHILD-FDN5630 Datasheet
254Kb / 8P
   60V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com