Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1360_V Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A1360_V
Description  Low-Noise Programmable Linear Hall Effect Sensor ICs with Adjustable Bandwidth (50 kHz Maximum) and Analog Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1360_V Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A1360_V Datasheet HTML 6Page - Allegro MicroSystems A1360_V Datasheet HTML 7Page - Allegro MicroSystems A1360_V Datasheet HTML 8Page - Allegro MicroSystems A1360_V Datasheet HTML 9Page - Allegro MicroSystems A1360_V Datasheet HTML 10Page - Allegro MicroSystems A1360_V Datasheet HTML 11Page - Allegro MicroSystems A1360_V Datasheet HTML 12Page - Allegro MicroSystems A1360_V Datasheet HTML 13Page - Allegro MicroSystems A1360_V Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
A1360, A1361,
and A1362
Delay to Clamp
A large magnetic input step may cause the clamp
to overshoot its steady state value. The Delay to Clamp, tCLP, is
defined as: the time it takes for the output voltage to settle within
±1% of its steady state value, after initially passing through its
steady state voltage, as shown in the following chart.
V
t
Magnetic Input
VOUT
0
t1= time at which output voltage initially
reaches steady state clamp voltage
t2= time at which output voltage settles to
within 1% of steady state clamp voltage
Note: Times apply to both high clamp
(shown) and low clamp.
VCLP(HIGH)
t1
t2
tCLP
Quiescent Voltage Output
In the quiescent state (no significant
magnetic field: B = 0 G), the output, VOUT(Q), has a constant ratio
to the supply voltage, VCC, throughout the entire operating ranges
of VCC and ambient temperature, TA.
Guaranteed Quiescent Voltage Output Range
The quiescent
voltage output, VOUT(Q), can be programmed around its nominal
value of 2.5 V, within the guaranteed quiescent voltage range
limits: VOUT(Q)(min) and VOUT(Q)(max). The available guaranteed
programming range for VOUT(Q) falls within the distributions of
the initial, VOUT(Q)init, and the maximum programming code for
setting VOUT(Q), as shown in the following diagram.
VOUT(Q)(max)
VOUT(Q)(min)
VOUT(Q)init(typ)
Guaranteed Output
Programming
Range, VOUT(Q)
Distribution for
Max Code VOUT(Q)
Distribution for
VOUT(Q)init
Average Quiescent Voltage Output Step Size
The average qui-
escent voltage output step size for a single device is determined
using the following calculation:
V
OUT(Q)maxcode –VOUT(Q)init
2n–1
Step
VOUT(Q) =
.
(1)
where:
n is the number of available programming bits in the trim range,
2n–1 is the value of the maximum programming code in the
range, and
VOUT(Q)maxcode is the quiescent voltage output at code 2
n–1.
Quiescent Voltage Output Programming Resolution
The
programming resolution for any device is half of its programming
step size. Therefore, the typical programming resolution will be:
Err
PGVOUT(Q)(typ)
= 0.5 × Step
VOUT(Q)(typ)
.
(2)
Quiescent Voltage Output Drift Through Temperature Range
Due to internal component tolerances and thermal considerations,
the quiescent voltage output, VOUT(Q), may drift from its nominal
value over the operating ambient temperature, TA. For purposes
of specification, the Quiescent Voltage Output Drift Through
Temperature Range, ∆VOUT(Q) (mV), is defined as:
∆V
OUT(Q)
V
OUT(Q)(TA) –VOUT(Q)(25°C)
=
.
(3)
VOUT(Q), should be calculated using the actual measured values
of VOUT(Q)(TA) and VOUT(Q)(25°C), rather than programming target
values.
Sensitivity
The presence of a south polarity magnetic field, per-
pendicular to the branded surface of the package face, increases
the output voltage from its quiescent value toward the supply
voltage rail. The amount of the output voltage increase is propor-
tional to the magnitude of the magnetic field applied. Conversely,
the application of a north polarity field decreases the output
voltage from its quiescent value. This proportionality is specified
as the magnetic sensitivity, Sens (mV/G), of the device, and it is
defined for bipolar devices as:
V
OUT(BPOS) – VOUT(BNEG)
BPOS – BNEG
Sens =
,
(4)
and for unipolar devices as:
V
OUT(BPOS) – VOUT(Q)
BPOS
Sens =
,
(5)
where BPOS and BNEG are two magnetic fields with opposite
polarities.
Low-Noise Programmable Linear Hall Effect Sensor ICs with
Adjustable Bandwidth (50 kHz Maximum) and Analog Output
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - A1360_V

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
More results

Similar Description - A1360_V

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1324-26 ALLEGRO-A1324-26 Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LUA-T ALLEGRO-A1324LUA-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324 Datasheet
292Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324LLHLT-T ALLEGRO-A1324LLHLT-T Datasheet
291Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1324 ALLEGRO-A1324_16 Datasheet
1,004Kb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1325LLHLT-T ALLEGRO-A1325LLHLT-T Datasheet
1Mb / 12P
   Low Noise, Linear Hall Effect Sensor ICs with Analog Output
A1381 ALLEGRO-A1381 Datasheet
398Kb / 19P
   Programmable Linear Hall Effect Sensor ICs with Analog Output
A1360 ALLEGRO-A1360 Datasheet
620Kb / 25P
   Low-Noise Programmable Linear Hall Effect Sensor ICs with
A1388 ALLEGRO-A1388 Datasheet
842Kb / 12P
   Linear Hall-Effect Sensor ICs with Analog Output
logo
Honeywell Accelerometer...
SS49E-F HONEYWELL-ACC-SS49E-F Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com