Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM-1103M Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # SCM-1103M
Description  High Voltage 3-Phase Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SCM-1103M Datasheet(HTML) 1 Page - Allegro MicroSystems

  SCM-1103M Datasheet HTML 1Page - Allegro MicroSystems SCM-1103M Datasheet HTML 2Page - Allegro MicroSystems SCM-1103M Datasheet HTML 3Page - Allegro MicroSystems SCM-1103M Datasheet HTML 4Page - Allegro MicroSystems SCM-1103M Datasheet HTML 5Page - Allegro MicroSystems SCM-1103M Datasheet HTML 6Page - Allegro MicroSystems SCM-1103M Datasheet HTML 7Page - Allegro MicroSystems SCM-1103M Datasheet HTML 8Page - Allegro MicroSystems SCM-1103M Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SCM1103M
Features and Benefits
▪ Each half-bridge circuit consists of a pre-driver circuit that
is completely independent from the others
▪ Protection against simultaneous high- and low-side turning on
▪ Bootstrap diodes with series resistors for suppressing
inrush current are incorporated
▪ CMOS compatible input (3.3 to 5 V)
▪ Designed to minimize simultaneous current through both
high- and low-side IGBTs by optimizing gate drive resistors
▪ Integrated Fast Recovery Diode (FRD) as freewheeling
diode for each IGBT
▪ UVLO protection with auto restart
▪ Overcurrent protection with off-time period adjustable by
an external capacitor
▪ Fault (FO indicator) signal output at protection activation:
UVLO (low side only), OCP, and STP
▪ Proprietary power DIP package
▪ UL Recognized Component (File No.: E118037)
High Voltage 3-Phase Motor Driver
Functional Block Diagram
Package: Power DIP
Not to scale
CFO
Drive
Circuit
UV
Detect
Drive
Circuit
Level
Shift
Input
Logic
&
Shoot
Through
Prevention
UV
Detect
O.C .
Protect
HVIC
HO
LO
FO
COM
LIN
HIN
VCC
VB
HS
VBB
U, V, or W
LS
Figure 1. Diagram of one of three phases in the device.
Description
The SCM1103M inverter power module (IPM) device provides
a robust, highly-integrated solution for optimally controlling
3-phase motor power inverter systems and variable speed
control systems used in energy-conserving designs to drive
motors of residential and commercial appliances. These ICs
take 85 to 253 VAC input voltage, and 5 A (continuous) output
current. They can withstand voltages of up to 600 V (IGBT
breakdown voltage).
The SCM1100M series employs a new, small-footprint
proprietary DIP package. The IC itself consists of all of the
necessary power elements (six IGBTs), pre-drive ICs (three),
and freewheeling diodes (six), needed to configure the main
circuit of an inverter, as well as a bootstrap circuit (three
bootstrap diodes and three boot resistors) as a high-side drive
power supply. This enables the main circuit of the inverter to
be configured with fewer external components than traditional
designs.
Applications include residential white goods (home appliances)
and commercial appliance motor control, such as:
▪ Air conditioner fan motor
▪ Refrigerator compressor motor
▪ Washing machine main motor
▪ Air conditioner compressor motor
38110.050, Rev. 6


Similar Part No. - SCM-1103M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1101MF ALLEGRO-SCM-1101MF Datasheet
419Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1104MF ALLEGRO-SCM-1104MF Datasheet
419Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1106M ALLEGRO-SCM-1106M Datasheet
336Kb / 11P
   High Voltage 3-Phase Motor Driver
More results

Similar Description - SCM-1103M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1106M ALLEGRO-SCM-1106M Datasheet
336Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com