Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM-1106M Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # SCM-1106M
Description  High Voltage 3-Phase Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SCM-1106M Datasheet(HTML) 3 Page - Allegro MicroSystems

  SCM-1106M Datasheet HTML 1Page - Allegro MicroSystems SCM-1106M Datasheet HTML 2Page - Allegro MicroSystems SCM-1106M Datasheet HTML 3Page - Allegro MicroSystems SCM-1106M Datasheet HTML 4Page - Allegro MicroSystems SCM-1106M Datasheet HTML 5Page - Allegro MicroSystems SCM-1106M Datasheet HTML 6Page - Allegro MicroSystems SCM-1106M Datasheet HTML 7Page - Allegro MicroSystems SCM-1106M Datasheet HTML 8Page - Allegro MicroSystems SCM-1106M Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
High Voltage 3-Phase Motor Driver
SCM1106M
3
SCM1100M
VBB
RS
CFO
RFO
CBOOT
18
17
20
19
21
22
23
24
10
9
12
11
13
14
15
16
2
1
4
3
5
6
7
8
31
32
33
28
29
30
25
26
27
Drive
Circuit
UV
Detect
Drive
Circuit
Level
Shift
Input
Logic
&
Shoot
Through
Prevention
UV
Detect
O.C.
Protect
HVIC1
HO
HS
LO
LS
VB
VCC
HIN
LIN
COM
FO
CFO
Drive
Circuit
UV
Detect
Drive
Circuit
Level
Shift
Input
Logic
&
Shoot
Through
Prevention
UV
Detect
O.C.
Protect
HVIC2
HO
HS
LO
LS
VB
VCC
HIN
LIN
COM
FO
CFO
Drive
Circuit
UV
Detect
Drive
Circuit
Level
Shift
Input
Logic
&
Shoot
Through
Prevention
UV
Detect
O.C.
Protect
HVIC3
HO
HS
LO
LS
VB
VCC
HIN
LIN
COM
FO
CFO
CN
VFO
M
CBOOT
CBOOT
Vcc
CS
Typical Application Diagram
NOTE:
▪ To use the OCP circuit, an external shunt resistor, RS, is needed. The RS value can be obtained from the formula:
RS(Ω) = 0.5 (V) / Overcurrent Detection Set Current (A) – 0.0024 (Ω).
▪ To avoid malfunction, the wiring between the LS and COM pins should be as short as possible.
▪ To prevent surge destruction, put a 0.01 to 1 μF snubber capacitor, CS, in parallel with the electrolytic capacitor.
▪ To prevent surge destruction, put a 18 to 20 V Zener diode between the VCC and COM pins.
▪ To prevent surge malfunction, put a 0.01 to 0.1 μF ceramic capacitor between the VCC and COM pins and the VB and HS
pins.
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - SCM-1106M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1101MF ALLEGRO-SCM-1101MF Datasheet
419Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1103M ALLEGRO-SCM-1103M Datasheet
339Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1104MF ALLEGRO-SCM-1104MF Datasheet
419Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
More results

Similar Description - SCM-1106M

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com