Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2903DWG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UC2903DWG4
Description  Quad Supply and Line Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2903DWG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UC2903DWG4 Datasheet HTML 2Page - Texas Instruments UC2903DWG4 Datasheet HTML 3Page - Texas Instruments UC2903DWG4 Datasheet HTML 4Page - Texas Instruments UC2903DWG4 Datasheet HTML 5Page - Texas Instruments UC2903DWG4 Datasheet HTML 6Page - Texas Instruments UC2903DWG4 Datasheet HTML 7Page - Texas Instruments UC2903DWG4 Datasheet HTML 8Page - Texas Instruments UC2903DWG4 Datasheet HTML 9Page - Texas Instruments UC2903DWG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OPERATION AND APPLICATION INFORMATION
Setting a Fault Window
ADJ
V
2.5 V ±
4
(1)
(
)
S
ADJ
V ± 10 × V
%
(2)
Hysteresis
Fault
Window
Fault
Window
NoFault
Fault
25
20
15
10
5
0
-5
-10
-15
-20
-25
0
0.5
1
1.5
2
2.5
Window AdjustVoltage(V
)atPin4
ADJ
3.125
3
2.875
2.750
2.625
2.5
2.25
2.125
2
2.375
1.875
UC1903
UC2903
UC3903
SLUS233A – OCTOBER 1999 – REVISED SEPTEMBER 2008 ........................................................................................................................................ www.ti.com
The fault thresholds on the UC1903 are generated by creating positive and negative offsets, equal in magnitude,
that are referenced to the chip’s 2.5-V reference. The resulting fault window is centered around 2.5 V and has a
magnitude equal to that of the applied offsets. Simplified schematics of the fault window and reference circuits
are shown in Figure 1 along with the Typical Characteristics diagrams. The magnitude of the offsets is
determined by the voltage applied at the window adjust pin, Pin 4. A bias cancellation circuit keeps the input
current required at Pin 4 low, allowing the use of a simple resistive divider off the reference to set the adjust pin
voltage.
The adjust voltage at Pin 4 is internally applied across R4, and an 8-k
Ω resistor. The resulting current is mirrored
four times to generate current sources IOA, IOB, IOC, and IOD, all equal in magnitude. When all four of the sense
inputs are inside the fault window, a no-fault condition, Q4 and Q5 are turned on. In combination with D1 and D2
this prevents LOB and LOD from affecting the fault thresholds. In this case, the OV and UV thresholds are equal to
VREF + IOA(R5 + R6) and VREF – IOC(R7 + R8) respectively. The fault window can be expressed as:
In terms of a sensed nominal voltage level, VS, the window as a percent variation is:
When a sense input moves outside the fault window given in Equation 1, the appropriate hysteresis control signal
turns off Q4 or Q5. For the under-voltage case, Q5 is disabled and current source IOB flows through D2. The net
current through R7 becomes zero as IOB cancels IOC, giving an 8% reduction in the UV threshold offset. The
overvoltage case is the same, with Q4 turning off, allowing IOD to cancel the current flow, IOA, through R6. The
result is a hysteresis at the sense inputs which is always 8% of the window magnitude. This is shown graphically
in Figure 2.
Figure 2. Fault Window and Threshold Hysteresis Scale as a Function of the Voltage Applied at Pin 4
6
Submit Documentation Feedback
Copyright © 1999–2008, Texas Instruments Incorporated
Product Folder Link(s): UC1903 UC2903 UC3903


Similar Part No. - UC2903DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2903DWG4 TI1-UC2903DWG4 Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
More results

Similar Description - UC2903DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1903 TI-UC1903 Datasheet
477Kb / 8P
[Old version datasheet]   Quad Supply and Line Monitor
UC1903 TI1-UC1903_16 Datasheet
807Kb / 16P
[Old version datasheet]   Quad Supply and Line Monitor
UC1904 TI-UC1904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
UC1904 TI1-UC1904_08 Datasheet
335Kb / 7P
[Old version datasheet]   Precision Quad Supply and Line Monitor
logo
Linear Technology
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Technology
LTC2902 LINER-LTC2902_15 Datasheet
184Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2901 LINER-LTC2901_15 Datasheet
197Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
logo
Analog Devices
ADM9264 AD-ADM9264 Datasheet
181Kb / 12P
   Quad Power Supply Monitor for Desktop PCs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com