Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2833DWTR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UC2833DWTR
Description  Precision Low Dropout Linear Controllers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2833DWTR Datasheet(HTML) 4 Page - Texas Instruments

  UC2833DWTR Datasheet HTML 1Page - Texas Instruments UC2833DWTR Datasheet HTML 2Page - Texas Instruments UC2833DWTR Datasheet HTML 3Page - Texas Instruments UC2833DWTR Datasheet HTML 4Page - Texas Instruments UC2833DWTR Datasheet HTML 5Page - Texas Instruments UC2833DWTR Datasheet HTML 6Page - Texas Instruments UC2833DWTR Datasheet HTML 7Page - Texas Instruments UC2833DWTR Datasheet HTML 8Page - Texas Instruments UC2833DWTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Unless otherwise stated, specifications hold for TA = 0°C to 70°C for the UC3832/3, –40°C to
85°C for the UC2832/3, +VIN = 15 V, Driver sink = +VIN, C/S(+) voltage = +VIN. TA=TJ.
ELECTRICAL
CHARACTERISTICS (cont.)
UC1832
UC2832/3
UC3832/3
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Error Amplifier (cont.)
IOL
VCOMP = 2 V, C/S(-) = +VIN
100
500
700
µA
VCOMP = 2 V, C/S(-) = +VIN - 0.4 V
2
6
mA
Driver
Maximum Current
Driver Limit & Source pins common; TJ = 25°C
200
300
400
mA
Over Temperature
100
300
450
mA
Limiting Voltage (UCx832 only)
Driver Limit to Source voltage at current limit,
ISOURCE = -10 mA; TJ = 25°C (Note 6)
.72
V
Internal Current Sense Resistance
TJ = 25°C (Note 6)
2.4
Pull-Up Current at Driver Sink
Compensation/Shutdown = 0.4 V; Driver Sink = +VIN - 1V
-800
-300
-100
µA
Compensation/Shutdown = 0.4 V, +VIN = 36 V; Driver
Sink = 35 V
-1000
-300
-75
µA
Pull-Down Current at Driver Source
Compensation/Shutdown = 0.4 V; Driver Source = 1 V
150
300
700
µA
Saturation Voltage Sink to Source
Driver Source = 0 V; Driver Current = 100 mA
1.5
V
Maximum Source Voltage
Driver Sink = +VIN, Driver Current = 100 mA
Volts below + VIN
3.0
V
UVLO Sink Leakage
+VIN = C/S(+) = C/S(-) = 2.5 V, Driver Sink = 15 V, Driver
Source = 0 V, TA = 25°C
25
µA
Maximum Reverse Source Voltage
Compensation/Shutdown = 0 V; ISOURCE = 100
µA,
+VIN = 3 V
1.6
V
Thermal Shutdown
160
°C
Note 3: On the UCx833 this voltage is defined as the regulating level at the error amplifier inverting input, with the error amplifier
driving VSOURCE to 2 V.
Note 4: These parameters are first-order supply-independent, however both may vary with supply for +VIN less than about 4 V. This
supply variation will cause a slight change in the timer period and duty cycle, although a high off-time/on-time ratio will be main-
tained.
Note 5: With recommended RT value of 200k, TOFF
≈ RT CT * ln(Vu/Vl) ±10%.
Note 6: The internal current limiting voltage has a temperature dependence of approximately -2.0 mV/°C, or -2800 ppm/°C. The inter-
nal 2.4
Ω sense resistor has a temperature dependance of approximately +1500 ppm/°C.
UDG-92041-1
APPLICATION AND OPERATION INFORMATION
NPN Pass (Local 100mA Regulator) (UCx833)
4


Similar Part No. - UC2833DWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2833DWTR TI1-UC2833DWTR Datasheet
1Mb / 18P
[Old version datasheet]   Precision Low Dropout Linear Controllers
More results

Similar Description - UC2833DWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1832 TI1-UC1832_16 Datasheet
1Mb / 18P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC1832 TI-UC1832 Datasheet
733Kb / 8P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC2832-EP TI-UC2832-EP Datasheet
555Kb / 13P
[Old version datasheet]   PRECISION LOW DROPOUT LINEAR CONTROLLER
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Rohm
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
logo
Analog Devices
ADP3302 AD-ADP3302 Datasheet
303Kb / 8P
   High Precision anyCAP??Dual Low Dropout Linear Regulator
REV. 0
ADP3302 AD-ADP3302_15 Datasheet
306Kb / 8P
   High Precision anyCAP Dual Low Dropout Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com