Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3824DWTRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # UC3824DWTRG4
Description  HIGH SPEED PWM CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3824DWTRG4 Datasheet(HTML) 4 Page - Texas Instruments

  UC3824DWTRG4 Datasheet HTML 1Page - Texas Instruments UC3824DWTRG4 Datasheet HTML 2Page - Texas Instruments UC3824DWTRG4 Datasheet HTML 3Page - Texas Instruments UC3824DWTRG4 Datasheet HTML 4Page - Texas Instruments UC3824DWTRG4 Datasheet HTML 5Page - Texas Instruments UC3824DWTRG4 Datasheet HTML 6Page - Texas Instruments UC3824DWTRG4 Datasheet HTML 7Page - Texas Instruments UC3824DWTRG4 Datasheet HTML 8Page - Texas Instruments UC3824DWTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
UC1824
UC2824
UC3824
SLUS326A – MARCH 1997 – REVISED JULY 2007
Unless otherwise stated, these specifications apply for, RT = 3.65k, CT = 1 nF, VCC = 15 V, –55°C < TA < 125°C for the
UC1824, –40
°C < T
A < 85°C for the UC2824, and 0°C < TA < 70°C for the UC3824, TA = TJ.
UC1824
UC3824
UC2824
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Reference Section
Output voltage
TJ = 25°C, IO = 1 mA
5.05
5.10
5.15
5
5.10
5.20
V
Line regulation
10 V < VCC < 30 V
2
20
2
20
mV mV
Load regulation
1 mA < IO < 10 mA
5
20
5
20
Temperature stability(1)
TMIN < TA < TMAX
0.2
0.4
0.2
0.4
mV/
°C
Total output variation(1)
Line, Load, Temperature
5
5.20
4.95
5.25
V
Output noise voltage(1)
10 Hz < f < 10 kHz
50
50
μV
long term stability(1)
TJ = 125°C, 1000 hrs.
5
25
5
25
mV
Short circuit current
VREF = 0 V
–15
–50
–100
–15
–50
–100
mA
Oscillator Section
Initial accuracy(1)
TJ = 25°C
360
400
440
360
400
440
kHz
Voltage stability(1)
10 V < VCC < 30 V
0.2%
2%
0.2%
2%
Temperature stability(1)
TMIN < TA < TMAX
5%
5%
Total variation(1)
Line, Temperature
340
460
340
460
kHz
Clock out high
3.9
4.5
3.9
4.5
Clock out low
2.3
2.9
2.3
2.9
Ramp peak(1)
2.6
2.8
3
2.6
2.8
3
V
Ramp valley(1)
0.7
1
1.25
0.7
1
1.25
Ramp valley to peak(1)
1.6
1.8
2
1.6
1.8
2
Error Amplifier Section
Input offset voltage
10
15
mV
Input bias current
0.6
3
0.6
3
μA
Input offset current
0.1
1
0.1
1
μA
Open loop gain
1 V < VO < 4 V
60
95
60
95
CMRR
1.5 V < VCM < 5.5 V
75
95
75
95
dB
PSRR
10 V < VCC < 30 V
85
110
85
110
Output sink current
VPIN 3 = 1 V
1
2.5
1
2.5
mA
Output source current
VPIN 3 = 4 V
–0.5
–1.3
–0.5
–1.3
Output high voltage
IPIN 3 = –0.5 mA
4
4.7
5
4
4.7
5
V
Output low voltage
IPIN 3 = 1 mA
0
0.5
1
0
0.5
1
Unity gain bandwidth(1)
3
5.5
3
5.5
MHz
Slew rate(1)
6
12
6
12
V/
μs
PWM Comparator Section
Pin 7 bias current
VPIN 7 = 0 V
–1
–5
–1
–5
μA
Duty cycle range
0
80
0
85
%
Pin 3 zero dc threshold
VPIN 7 = 0 V
1.1
1.25
1.1
1.25
V
Delay to output(1)
50
80
50
80
ns
Soft-Start Section
Charge current
VPIN 8 = 0.5 V
3
9
20
3
9
20
μA
Discharge current
VPIN 8 = 1 V
1
1
mA
Current Limit/Shutdown Section
Pin 9 bias current
0 < VPIN 9 < 4 V
15
10
μA
(1)
This parameter not 100% tested in production but guaranteed by design.
4
Submit Documentation Feedback


Similar Part No. - UC3824DWTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3824 TI-UC3824 Datasheet
385Kb / 8P
[Old version datasheet]   High Speed PWM Controller
More results

Similar Description - UC3824DWTRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com