Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC37132N Datasheet(PDF) 8 Page - Texas Instruments

Part # UC37132N
Description  Smart Power Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC37132N Datasheet(HTML) 8 Page - Texas Instruments

Back Button UC37132N Datasheet HTML 4Page - Texas Instruments UC37132N Datasheet HTML 5Page - Texas Instruments UC37132N Datasheet HTML 6Page - Texas Instruments UC37132N Datasheet HTML 7Page - Texas Instruments UC37132N Datasheet HTML 8Page - Texas Instruments UC37132N Datasheet HTML 9Page - Texas Instruments UC37132N Datasheet HTML 10Page - Texas Instruments UC37132N Datasheet HTML 11Page - Texas Instruments UC37132N Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
UC17131/2/3
UC27131/2/3
UC37131/2/3
C
CDEL
13
12
11
VREF
IN
6
10
3
7
LS
CSH
2
GND
6V
PRE-REGULATOR
INPUT
COMPARATOR
1/2
VREF
HYST
9
LED
TURN-ON/OFF
AND SHORT
CIRCUIT
PROTECTION
CDEL
4
HS
5
Q
OUT
72V
–L
CSL
+L
OUT
C
CC
I
GND
R
CSL
LOAD
POWER
SUPPLY
C
REF
R
HYST
VREF
GND
VCC
I
CC
Figure 2b. Low side application.
APPLICATION INFORMATION (cont.)
UDG-98028
OUTPUT
DRIVER
DISABLED
ENABLED
V
CDEL
VCC
V
FAULT_H =4.9V
V
FAULT_H
t
INT
ENABLED
INDETERMINATE
STATE
t
D(ON)
t
t
t
V
CDEL_MAX =5.8V
Figure 3a. Power interrupt ignore operation, high side configuration, VIN = 5VDC.
UDG-98029


Similar Part No. - UC37132N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC37132 TI-UC37132 Datasheet
90Kb / 10P
[Old version datasheet]   Smart Power Switch
UC37132 TI-UC37132 Datasheet
145Kb / 12P
[Old version datasheet]   Smart Power Switch
More results

Similar Description - UC37132N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC17131 TI-UC17131 Datasheet
90Kb / 10P
[Old version datasheet]   Smart Power Switch
UC17131 TI-UC17131_V01 Datasheet
145Kb / 12P
[Old version datasheet]   Smart Power Switch
logo
Infineon Technologies A...
BTS410E2-E3062A INFINEON-BTS410E2-E3062A Datasheet
324Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D Datasheet
262Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BTS410E2 INFINEON-BTS410E2 Datasheet
321Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS412B2 INFINEON-BTS412B2 Datasheet
170Kb / 14P
   Smart Highside Power Switch
03.97
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com