Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2855BDWG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # UC2855BDWG4
Description  High Performance Power Factor Preregulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2855BDWG4 Datasheet(HTML) 5 Page - Texas Instruments

  UC2855BDWG4 Datasheet HTML 1Page - Texas Instruments UC2855BDWG4 Datasheet HTML 2Page - Texas Instruments UC2855BDWG4 Datasheet HTML 3Page - Texas Instruments UC2855BDWG4 Datasheet HTML 4Page - Texas Instruments UC2855BDWG4 Datasheet HTML 5Page - Texas Instruments UC2855BDWG4 Datasheet HTML 6Page - Texas Instruments UC2855BDWG4 Datasheet HTML 7Page - Texas Instruments UC2855BDWG4 Datasheet HTML 8Page - Texas Instruments UC2855BDWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
UC2855A/B
UC3855A/B
CS: The reconstructed inductor current waveform gener-
ated on the CI pin is level shifted down a diode drop to
this pin. Connect the current amplifier input resistor be-
tween CS and the inverting input of the current amplifier.
The waveform on this pin is compared to the multiplier
output waveform through the average current sensing
current amplifier. The input to the peak current limiting
comparator is also connected to this pin. A voltage level
greater than 1.5 volts on this pin will trip the comparator
and disable the gate driver output.
CT: A capacitor from CT to GND sets the PWM oscillator
frequency according to the following equation:
f
CT
1
11200
.
Use a high quality ceramic capacitor with low ESL and
ESR for best results. A minimum CT value of 200pF in-
sures good accuracy and less susceptibility to circuit lay-
out parasitics. The oscillator and PWM are designed to
provide practical operation to 500kHz.
GND: All voltages are measured with respect to this pin.
All bypass and timing capacitors connected to GND
should have leads as short and direct as possible.
GTOUT: The output of the PWM is a 1.5A peak totem
pole MOSFET gate driver on GTOUT. A series resistor
between GTOUT and the MOSFET gate of at least 10
ohms should be used to limit the overshoot on GTOUT.
In addition, a low VF Schottky diode should be connected
between GTOUT and GND to limit undershoot and possi-
ble erratic operation.
IAC: This is a current input to the multiplier. The current
into this pin should correspond to the instantaneous
value of the rectified AC input line voltage. This is ac-
complished by connecting a resistor directly between IAC
and the rectified input line voltage. The nominal 650mV
level present on IAC negates the need for any additional
compensating resistors to accommodate for the zero
crossings of the line. A current equal to one fourth of the
IAC current forms one of the inductor current synthesizer
inputs.
IMO: This is the output of the multiplier, and the non-
inverting input of the current amplifier. Since this output
is a current, connect a resistor between this pin and
ground equal in value to the input resistor of the current
amplifier. The common mode operating range for this pin
is
−0.3V to 5V.
ION: This pin is the current sensing input. It should be
connected to the secondary side output of a current
sensing transformer whose primary winding is in series
with the boost switch. The resultant signal applied to this
input is buffered and level shifted up a diode to the CI ca-
pacitor on the CI pin. The ION buffer has a source only
output. Discharge of the CI cap is enabled through the
current synthesizer circuitry. The current sense trans-
former termination resistor should be designed to obtain
a 1V input signal amplitude at peak switch current.
OVP: This pin senses the boost output voltage through a
voltage divider. The enable comparator input is TTL com-
patible and can be used as a remote shutdown port. A
voltage level below 1.8V, disables VREF, oscillator, and
the PWM circuitry via the enable comparator. Between
1.8V and VREF (7.5V) the UC is enabled. Voltage levels
above 7.5V will set the PWM latch via the hysteretic OVP
comparator and disable both ZVTOUT and GTOUT until
the OVP level has decayed by the nominal hysteresis of
400mV. If the voltage divider is designed to initiate an
OVP fault at 5% of OV, the internal hysteresis enables
normal operation again when the output voltage has
reached its nominal regulation level. Both the OVP and
enable comparators have direct logical connections to
the PWM output and exhibit typical propagation delays of
200ns.
REF: REF is the output of the precision reference. The
output is capable of supplying 25mA to peripheral cir-
cuitry and is internally short circuit current limited. REF is
disabled and low whenever VCC is below the UVLO
threshold, and when OVP is below 1.8V. A REF “GOOD”
comparator senses REF and disables the stage until
REF has attained approximately 90% of its nominal
value. Bypass REF to GND with a 0.1
µF or larger ce-
ramic capacitor for best stability.
RVS: The nominal 3V signal present on the VSENSE pin
is buffered and brought out to the RVS pin. A current pro-
portional to the output voltage is generated by connect-
ing a resistor between this pin and GND. This current
forms the second input to the current synthesizer.
SS: Soft-start VSS is discharged for VVCC low conditions.
When enabled, SS charges an external capacitor with a
current source. This voltage is used as the voltage error
signal during start-up, enabling the PWM duty cycle to in-
crease slowly. In the event of a VVCC dropout, the
OVP/EN is forced below 1.8V (typ), SS quickly dis-
charges to disable the PWM.
PIN DESCRIPTIONS (cont.)


Similar Part No. - UC2855BDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2855BDWG4 TI-UC2855BDWG4 Datasheet
493Kb / 12P
[Old version datasheet]   High Performance Power Factor Preregulator
More results

Similar Description - UC2855BDWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2855A TI-UC2855A Datasheet
493Kb / 12P
[Old version datasheet]   High Performance Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com