Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2902DTR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UC2902DTR
Description  LOAD SHARE CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2902DTR Datasheet(HTML) 6 Page - Texas Instruments

Back Button UC2902DTR Datasheet HTML 2Page - Texas Instruments UC2902DTR Datasheet HTML 3Page - Texas Instruments UC2902DTR Datasheet HTML 4Page - Texas Instruments UC2902DTR Datasheet HTML 5Page - Texas Instruments UC2902DTR Datasheet HTML 6Page - Texas Instruments UC2902DTR Datasheet HTML 7Page - Texas Instruments UC2902DTR Datasheet HTML 8Page - Texas Instruments UC2902DTR Datasheet HTML 9Page - Texas Instruments UC2902DTR Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UC2902
UC3902
SLUS232E − DECEMBER 19, 2002 − REVISED JULY 2011
6
www.ti.com
APPLICATION INFORMATION
The values of five passive components must be determined to configure the UC3902 load share controller. The
output and return lines of each converter are connected together at the load, with current sense resistor RSENSE
inserted in each negative return line. Another resistor, RADJ, is also inserted in each positive remote sense line.
The differential share bus terminals (SHARE+ and SHARE−) of each UC3902 are connected together
respectively, and the SHARE− node is also connected to the system ground. A typical application is illustrated
in Figure 1.
The load share controller design can be executed by following the next few steps:
Step 1.
RSENSE +
VSHARE(max)
ACSA IO(max)
D where ACSA is 40, the gain of the current sense amplifier
At full load, the voltage drop across the RSENSE resistor is IO(max) × RSENSE. Taking into account the gain of the
current sense amplifier, the voltage at full load on the current share bus,
VSHARE(max) +
ACSA IO(max)
RSENSE
This voltage must stay 1.5-V below VCC or below 10 V whichever is smaller. VSHARE represents an upper limit
but the designer should select the full scale share bus voltage keeping in mind that every volt on the load share
bus increases the master controller’s supply current by approximately 100 μA times the number of slave units
connected parallel.
Step 2.
RG +
VADJ(max)
IADJ(max)
Care must be taken to ensure that IADJ(max) is low enough so that both the drive current and power dissipation
are within the device’s capability. For most applications, an IADJ(max) current between 5 mA and 10 mA is
acceptable. In a typical application, a 360-Ω RG resistor from the ADJR pin to ground sets IADJ(max) to
approximately 5 mA.
Step 3.
RADJ +
DVO(max) * IO(max) RSENSE
IADJ(max)
RADJ must be low enough to not affect the normal operation of the converter’s voltage feedback loop. Typical
RADJ values are between 20 Ω to100 Ω depending on VO, ΔVO(max) and the selected IADJ(max) value.
Step 4.
CC +
gM
2p
fC
RADJ
RG
RSENSE
RLOAD
ACSA APWR fC
(1)
(2)
(3)
(4)
(5)


Similar Part No. - UC2902DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2902 TI-UC2902 Datasheet
147Kb / 6P
[Old version datasheet]   Load Share Controller
More results

Similar Description - UC2902DTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1902 TI-UC1902 Datasheet
147Kb / 6P
[Old version datasheet]   Load Share Controller
UC1907 TI-UC1907 Datasheet
169Kb / 8P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3907N TI1-UC3907N Datasheet
357Kb / 12P
[Old version datasheet]   LOAD SHARE CONTROLLER
logo
Linear Technology
LTC4350 LINER-LTC4350 Datasheet
186Kb / 16P
   Hot Swappable Load Share Controller
LTC4350 LINER-LTC4350_15 Datasheet
245Kb / 18P
   Hot Swappable Load Share Controller
LTC4350 LINER-LTC4350_1 Datasheet
241Kb / 18P
   Hot Swappable Load Share Controller
logo
Texas Instruments
UCC29002DR TI-UCC29002DR Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DR TI1-UCC39002DR Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002 TI1-UCC29002_16 Datasheet
1Mb / 30P
[Old version datasheet]   Advanced 8-Pin Load-Share Controller
logo
STMicroelectronics
L6615 STMICROELECTRONICS-L6615 Datasheet
392Kb / 20P
   HIGH/LOW SIDE LOAD SHARE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com