Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC38C43DGKG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # UCC38C43DGKG4
Description  BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC38C43DGKG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC38C43DGKG4 Datasheet HTML 7Page - Texas Instruments UCC38C43DGKG4 Datasheet HTML 8Page - Texas Instruments UCC38C43DGKG4 Datasheet HTML 9Page - Texas Instruments UCC38C43DGKG4 Datasheet HTML 10Page - Texas Instruments UCC38C43DGKG4 Datasheet HTML 11Page - Texas Instruments UCC38C43DGKG4 Datasheet HTML 12Page - Texas Instruments UCC38C43DGKG4 Datasheet HTML 13Page - Texas Instruments UCC38C43DGKG4 Datasheet HTML 14Page - Texas Instruments UCC38C43DGKG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
UCC28C40, UCC28C41, UCC28C42, UCC28C43, UCC28C44, UCC28C45
UCC38C40, UCC38C41, UCC38C42, UCC38C43, UCC38C44, UCC38C45
SLUS458E -- AUGUST 2001 -- REVISED OCTOBER 2010
11
www.ti.com
TYPICAL CHARACTERISTICS
1k
10 k
100 k
1 k
10 k
100 k
1M
10 M
Figure 6
OSCILLATOR FREQUENCY
vs
TIMING RESISTANCE AND CAPACITANCE
CT = 220 pF
CT = 4.7 nF
CT = 2.2 nF
CT = 1 nF
CT = 470 pF
RT -- Timing Resistance -- Ω
Figure 7
TJ -- Temperature -- °C
9.0
9.5
8.0
7.5
7.0
8.5
--50
--25
0
25
50
75
100
125
OSCILLATOR DISCHARGE CURRENT
vs
TEMPERATURE
Figure 8
f -- Frequency -- Hz
ERROR AMPLIFIER
FREQUENCY RESPONSE
1
10
100
10 k 100 k 1 M
10 M
1k
10
0
20
200
180
140
120
80
40
0
60
100
160
20
30
40
50
60
70
80
90
100
GAIN
PHASE
MARGIN
Figure 9
COMP to CS OFFSET VOLTAGE (with CS = 0)
vs
TEMPERATURE
TJ -- Temperature -- °C
0.2
1.8
1.4
1.2
0.8
0.4
0.0
0.6
1.0
1.6
--50
--25
0
25
50
75
100
125


Similar Part No. - UCC38C43DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC38C43DGKG4 TI1-UCC38C43DGKG4 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
More results

Similar Description - UCC38C43DGKG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C53 TI-UCC28C53 Datasheet
3Mb / 47P
[Old version datasheet]   UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
UCC28C53 TI-UCC28C53_V01 Datasheet
3Mb / 48P
[Old version datasheet]   UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
   BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com