Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3972NG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC3972NG4
Description  BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3972NG4 Datasheet(HTML) 2 Page - Texas Instruments

  UCC3972NG4 Datasheet HTML 1Page - Texas Instruments UCC3972NG4 Datasheet HTML 2Page - Texas Instruments UCC3972NG4 Datasheet HTML 3Page - Texas Instruments UCC3972NG4 Datasheet HTML 4Page - Texas Instruments UCC3972NG4 Datasheet HTML 5Page - Texas Instruments UCC3972NG4 Datasheet HTML 6Page - Texas Instruments UCC3972NG4 Datasheet HTML 7Page - Texas Instruments UCC3972NG4 Datasheet HTML 8Page - Texas Instruments UCC3972NG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
UCC1972/3
UCC2972/3
UCC3972/3
TSSOP-8 (TOP VIEW)
PW Package
ABSOLUTE MAXIMUM RATINGS
VBAT ......................................... +27V
VDD Maximum Forced Current .................... 30mA
Maximum Forced Voltage ..........................17V
BUCK .................................. –5V to VBAT
MODE ................................. –0.3V to 4.0V
MODE Maximum Forced Current ..................300
mA
Operating Junction Temperature .......... –55°C to +150°C
Storage Temperature ................... –65°C to +150°C
Unless otherwise indicated, currents are positive into, negative
out of the specified terminal. Pulse is defined as less than 10%
duty cycle with a maximum duration of 500
ms. Consult Pack-
aging Section of Databook for thermal limitations and consider-
ations of packages. All voltages are referenced to GND.
GND
OUT
VDD
MODE
VBAT
BUCK
COMP
FB
1
2
3
4
8
7
6
5
CONNECTION DIAGRAMS
ELECTRICAL CHARACTERISTICS:Unless otherwise specified these specifications hold for TA=0°C to +70°C for the
UC3972/3, –40°C to +85°C for the UC2972/3, and –55°C to +125°C for the UC1972/3; TA=TJ; VDD=VBAT=VBUCK=12V;
MODE=OPEN. For any tests with VBAT>17V, place a 1k resistor from VBAT to VDD.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input supply
VDD Supply Current
VDD = 12V
1
1.5
mA
VBAT = 25V
7
10.5
mA
VBAT Supply Current
VBAT = 12V
30
60
mA
VBAT = 25V
70
140
mA
VDD Regulator Turn-on Voltage
ISOURCE = 2mA to 10mA
17
18
19
V
VDD UVLO Threshold
Low to high
3.6
4
4.4
V
UVLO Threshold Hysteresis
100
200
300
mV
Output Section
Pull Down Resistance
ISINK = 10mA to 100mA
25
50
W
Pull Up Resistance
ISOURCE = 10mA to 100mA
25
50
W
Output Clamp Voltage
VBAT = 25V, Shunt Regulator on
16
18
V
Output Low
MODE = 0.5V, ISINK = 1mA
0.05
0.2
V
Rise Time
CL = 1nF, Note 1
200
ns
Fall Time
CL = 1nF, Note 1
200
ns
FB
MODE
GND
COMP
VDD
OUT
BUCK
VBAT
1
2
3
4
8
7
6
5
DIL-8 (TOP VIEW)
J, N Packages


Similar Part No. - UCC3972NG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3972NG4 TI1-UCC3972NG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
More results

Similar Description - UCC3972NG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1972 TI-UCC1972 Datasheet
308Kb / 17P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI1-UCC1972_13 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
   Cold Cathode Fluorescent Lamp Driver
MP1011A MPS-MP1011A Datasheet
128Kb / 6P
   Cold Cathode Fluorescent Lamp Driver
logo
Texas Instruments
UCC2974 TI1-UCC2974 Datasheet
229Kb / 14P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
UCC3974 TI-UCC3974 Datasheet
210Kb / 12P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
logo
Dallas Semiconductor
DS3984 DALLAS-DS3984 Datasheet
790Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
logo
Maxim Integrated Produc...
DS3988 MAXIM-DS3988 Datasheet
778Kb / 23P
   8-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 4/05
DS3984 MAXIM-DS3984 Datasheet
508Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 1; 5/07
DS3994 MAXIM-DS3994 Datasheet
537Kb / 28P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 10/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com