Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3972PWG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3972PWG4
Description  BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3972PWG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC3972PWG4 Datasheet HTML 4Page - Texas Instruments UCC3972PWG4 Datasheet HTML 5Page - Texas Instruments UCC3972PWG4 Datasheet HTML 6Page - Texas Instruments UCC3972PWG4 Datasheet HTML 7Page - Texas Instruments UCC3972PWG4 Datasheet HTML 8Page - Texas Instruments UCC3972PWG4 Datasheet HTML 9Page - Texas Instruments UCC3972PWG4 Datasheet HTML 10Page - Texas Instruments UCC3972PWG4 Datasheet HTML 11Page - Texas Instruments UCC3972PWG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
UCC1972/3
UCC2972/3
UCC3972/3
the operating frequencies of a particular design are
within the synchronizable frequencies of the controller.
Component Selection for the Resonant Tank and Out
-
put Circuit
Since high efficiency is a primary goal of the backlight
converter design, the selection of each component
must be carefully evaluated. Losses in the ballast ca-
pacitor are usually insignificant, however, its value de-
termines the tank voltage which influences the losses in
the resonant capacitor and transformer. Since the reso-
nant capacitor has high circulating currents, a capacitor
with low dissipation factor should be selected. Power
loss in the resonant tank capacitor will be:
()
()
C
watts
V
F
C
Dissipatio
RES LOSS
TANK
RESONANT
RES
_
=
··
·
·
2 2p
n Factor
(5)
Polypropylene foil film capacitors give the lowest loss;
metalized polypropylene or even NPO ceramic may
give acceptable performance in a lower cost surface
mount (SMT) package. Table 2 gives possible choices
for the resonant and high voltage ballast capacitors.
The transformer is physically the largest component in
the converter, making the tradeoff of transformer size
and efficiency a critical choice. The transformer’s effi-
ciency will be determined by a combination of wire and
core losses. A Coiltronics transformer (CTX110600)
was chosen for this application because of its small
size, low profile, and overall losses of about 5% at 1W.
Low profile CCFL transformers are also available from
Toko (847)-297-0070 in Mt. Prospect, IL
or Sumida
(408)-982-9660 in Santa Clara, CA.
Wire losses are determined by the RMS current and
the ESR of the windings. The primary winding resis-
tance for the Coiltronics transformer is 0.16
W. The RMS
current of the primary winding includes the sinusoidal
resonant current and the DC buck current on alternate
half cycles (i.e. only ½ of the primary winding sees the
buck current depending upon which transistor is on). Maxi-
mum resonant current is equal to:
I
V
L
C
mA
RES
PRIMARY
PRIMARY
RES
==
·
=
820
67
44
01
600
.
(6)
Buck inductor current is calculated in the next section.
Secondary current is simply the lamp current, the second-
ary winding has 176
W of resistance.
Core losses are a function of core material, cross sectional
area of the core, operating frequency, and transformer
voltage. For ferrite material, the hysteresis core losses in-
crease with voltage by a cubed factor; for a given core
cross sectional area, doubling the tank voltage will cause
the losses to increase by a factor of 8. This makes the se-
lection of the ballast capacitor a critical decision for effi-
ciency.
Other elements influencing the resonant tank and output
circuit efficiency include the push-pull transistors, the base
drive and sense resistors, as well as the lamp. High gain
low VCESAT bipolar transistor such as Zetek’s FZT849 al-
low high efficiency operation of the push-pull stage. These
SOT223 package parts have a typical current transfer ratio
(hFE) of 200 and a forward drop (VCESAT) of just 35mV at
500mA. Rohm’s 2SC5001 transistors provide similar per-
formance. For low power, size sensitive applications, a
SOT23 transistor is available from Zetek (FFMT619) with
approximately twice the forward drop at 500mA. The base
drive resistor RB is sized to provide full VCE saturation for
all operating conditions assuming a worst case hFE. For ef-
ficiency reasons, the base resistor should be selected to
have the highest possible value. A 1k
W resistor was se-
lected in this application. Losses scale with buck voltage
as:
R
V
R
BLOSS
BUCK
B
() =
2
(7)
APPLICATION INFORMATION (cont.)
Manufacturer
Capacitance Type
Series
Dissipation Factor
(1kHz)
Ballast Capacitor
Cera-Mite (414) 377-3500
High Voltage Disk Capacitor (3kV)
564C
NOVA-CAP (805) 295-5920
SMT 1808 (3kV)
COG
Murata Electronics
SMT 1808 (3kV)
GHM
Resonant Capacitor
Wima (914)347-2474
Polypropylene foil film FKP02
FKP02
0.0003
Metalized Polypropylene
MKP2
0.0005
SMT Metalized polyphenylene-sulfide
MKI
0.0015
Paccom (800)426-6254
SMT Metalized polyphenylene-sulfide
CHE
0.0006
NOVA-CAP
SMT Ceramic
COG
0.001
Table 2. Capacitor selection


Similar Part No. - UCC3972PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3972PWG4 TI1-UCC3972PWG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
More results

Similar Description - UCC3972PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1972 TI-UCC1972 Datasheet
308Kb / 17P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI1-UCC1972_13 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
   Cold Cathode Fluorescent Lamp Driver
MP1011A MPS-MP1011A Datasheet
128Kb / 6P
   Cold Cathode Fluorescent Lamp Driver
logo
Texas Instruments
UCC2974 TI1-UCC2974 Datasheet
229Kb / 14P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
UCC3974 TI-UCC3974 Datasheet
210Kb / 12P
[Old version datasheet]   DUAL COLD CATHODE FLUORESCENT LAMP CONTROLLER
logo
Dallas Semiconductor
DS3984 DALLAS-DS3984 Datasheet
790Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
logo
Maxim Integrated Produc...
DS3988 MAXIM-DS3988 Datasheet
778Kb / 23P
   8-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 4/05
DS3984 MAXIM-DS3984 Datasheet
508Kb / 24P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 1; 5/07
DS3994 MAXIM-DS3994 Datasheet
537Kb / 28P
   4-Channel Cold-Cathode Fluorescent Lamp Controller
Rev 0; 10/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com