Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA2615PFBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # VCA2615PFBR
Description  Dual, Low-Noise
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VCA2615PFBR Datasheet(HTML) 4 Page - Texas Instruments

  VCA2615PFBR Datasheet HTML 1Page - Texas Instruments VCA2615PFBR Datasheet HTML 2Page - Texas Instruments VCA2615PFBR Datasheet HTML 3Page - Texas Instruments VCA2615PFBR Datasheet HTML 4Page - Texas Instruments VCA2615PFBR Datasheet HTML 5Page - Texas Instruments VCA2615PFBR Datasheet HTML 6Page - Texas Instruments VCA2615PFBR Datasheet HTML 7Page - Texas Instruments VCA2615PFBR Datasheet HTML 8Page - Texas Instruments VCA2615PFBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
VCA2615
SBOS316D − JULY 2005 − REVISED OCTOBER 2008
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, VDD = 5V, load resistance = 500on each output to ground; the input to the preamp (LNP) is single-ended;
fIN = 5MHz, LNP Gain (G1, G2) = 10, H/L = 0, VCNTL = 2.5V; VCA output is 1VPP differential; CA, CB = 3.9µF, unless otherwise noted.
PARAMETER
UNIT
VCA2615
CONDITIONS
PARAMETER
UNIT
MAX
TYP
MIN
CONDITIONS
ACCURACY
Gain Slope
VCNTL = 0.4V to 2.0V
22
dB/V
Gain Error(4)
VCNTL = 0.4V to 2.0V
−1.5
±0.9
+1.5
dB
Gain Range
VCNTL = 0.2V to 2.5V
52
dB
Gain Range
VCNTL = 0.4V to 2.0V
36.5
dB
Gain Range (H/L)
H/L = 0 (+6dB); VGA High Gain; VCNTL = 0.2V to 2.5V
−12 to +40
dB
H/L = 1 (0dB); VGA Low Gain; VCNTL = 0.2V to 2.5V
−18 to +34
dB
Output Offset Voltage, Differential
±50
mV
Channel-to-Channel Gain Matching
VCNTL = 0.4V to 2.0V, CHA to CHB
±0.33
dB
GAIN CONTROL INTERFACE (VCNTL)
Input Voltage Range
0.2 to 2.5
V
Input Resistance
Response Time
1
M
Input Resistance
Response Time
VCNTL = 0.2V to 2V; to 90% Signal Level
0.6
µs
DIGITAL INPUTS(5), (6)
(G1, G2, PDL, PDV, H/L, FB1-FB4, VCAINSEL)
VIH, High-Level Input Voltage
2.0
V
VIL, Low-Level Input Voltage
0.8
V
Input Resistance
1
M
Input Capacitance
5
pF
POWER SUPPLY
Supply Voltage
4.75
5.0
5.25
V
Power-Up Response Time
25
µs
Power-Down Response Time
2
µs
Total Power Dissipation
PDV, PDL = 1
308
350
mW
VGA Power-Down
PDV = 0, PDL = 1
236
mW
LNP Power-Down
PDL = 0, PDV = 1
95
mW
THERMAL CHARACTERISTICS
Temperature Range
Ambient, Operating
−40
+85
°C
Thermal Resistance,
qJA
QFN−48 Soldered Pad; Four-Layer PCB with Thermal Vias
29.1
°C/W
qJC
2.2
°C/W
qJA
TQFP−48
58
°C/W
(1)
R
IN +
R
F
(1
)
A
LNP
2
)
(2) 2nd−harmonic, 3rd-harmonic distortion less than or equal to −30dBc.
(3) See Table 5.
(4) Referred to best-fit dB linear curve.
(5) Parameters ensured by design; not production tested.
(6) Do not leave inputs floating; no internal pull-up/pull-down resistors.


Similar Part No. - VCA2615PFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA2615 TI-VCA2615 Datasheet
744Kb / 29P
[Old version datasheet]   Dual, Low-Noise Variable-Gain Amplifier with Preamp
logo
Burr-Brown (TI)
VCA2615 BURR-BROWN-VCA2615 Datasheet
526Kb / 19P
   Dual, Variable Gain Amplifier
logo
Texas Instruments
VCA2615 TI-VCA2615 Datasheet
899Kb / 35P
[Old version datasheet]   Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA2615 TI1-VCA2615 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA2615RGZR TI-VCA2615RGZR Datasheet
744Kb / 29P
[Old version datasheet]   Dual, Low-Noise Variable-Gain Amplifier with Preamp
More results

Similar Description - VCA2615PFBR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM382 NSC-LM382 Datasheet
163Kb / 3P
   Low Noise Dual Preamplifier
logo
NEC
UPC1228 NEC-UPC1228 Datasheet
1Mb / 10P
   LOW NOISE DUAL PREAMPLIFIER
logo
List of Unclassifed Man...
NE542 ETC1-NE542 Datasheet
267Kb / 4P
   DUAL LOW - NOISE PREAMPLIFIER
PDA381 ETC-PDA381 Datasheet
177Kb / 4P
   DUAL LOW NOISE VCA
logo
Texas Instruments
LM387 TI1-LM387 Datasheet
370Kb / 6P
[Old version datasheet]   Low Noise Dual Preamplifier
logo
Curtis Electromusic.
CEM3381 CES-CEM3381 Datasheet
876Kb / 2P
   DUAL LOW NOISE VCA
logo
Elantec Semiconductor
EL2228C ELANTEC-EL2228C Datasheet
281Kb / 12P
   Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228 INTERSIL-EL2228 Datasheet
614Kb / 10P
   Dual Low Noise Amplifier
EL2228 INTERSIL-EL2228_07 Datasheet
501Kb / 12P
   Dual Low Noise Amplifier
logo
Renesas Technology Corp
EL2228 RENESAS-EL2228 Datasheet
640Kb / 12P
   Dual Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com