Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF24NM60N Datasheet(PDF) 6 Page - STMicroelectronics

Part # STF24NM60N
Description  N-channel 600 V, 0.168 廓, 17 A MDmesh??II Power MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF24NM60N Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STF24NM60N Datasheet HTML 2Page - STMicroelectronics STF24NM60N Datasheet HTML 3Page - STMicroelectronics STF24NM60N Datasheet HTML 4Page - STMicroelectronics STF24NM60N Datasheet HTML 5Page - STMicroelectronics STF24NM60N Datasheet HTML 6Page - STMicroelectronics STF24NM60N Datasheet HTML 7Page - STMicroelectronics STF24NM60N Datasheet HTML 8Page - STMicroelectronics STF24NM60N Datasheet HTML 9Page - STMicroelectronics STF24NM60N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
STF24NM60N, STI24NM60N, STP24NM60N, STW24NM60N
6/19
Doc ID 18047 Rev 3
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area for TO-220FP
Figure 3.
Thermal impedance for TO-220FP
Figure 4.
Safe operating area for I2PAK and
TO-220
Figure 5.
Thermal impedance for I2PAK and
TO-220
Figure 6.
Safe operating area for TO-247
Figure 7.
Thermal impedance for TO-247
ID
1
0.1
0.01
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Sinlge
pulse
10
AM07975v1
Tj=150°C
Tc=25°C
Sinlge
pulse
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Sinlge
pulse
AM07976v1
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
AM10327v1


Similar Part No. - STF24NM60N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF24NM60N ISC-STF24NM60N Datasheet
311Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STF24NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB24NM60N STMICROELECTRONICS-STB24NM60N Datasheet
899Kb / 15P
   N-channel 600 V, 0.168, 17 A MDmesh II Power MOSFET
February 2011 Rev 1
STB22NM60N STMICROELECTRONICS-STB22NM60N Datasheet
994Kb / 23P
   N-channel 600 V, 0.2 廓, 16 A MDmesh??II Power MOSFET
STB24N60M2 STMICROELECTRONICS-STB24N60M2 Datasheet
1Mb / 22P
   N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in D2PAK
STW56NM60N STMICROELECTRONICS-STW56NM60N Datasheet
415Kb / 11P
   N-channel 600 V, 0.05 廓, 45 A TO-247 MDmesh??II Power MOSFET
STW43NM60N STMICROELECTRONICS-STW43NM60N Datasheet
500Kb / 12P
   N-channel 600 V, 0.075 廓, 35 A MDmesh??II Power MOSFET TO-247
STF13NM60N-H STMICROELECTRONICS-STF13NM60N-H Datasheet
791Kb / 13P
   N-channel 600 V, 0.28 廓, 11 A MDmesh??II Power MOSFET in TO-220FP
STL18NM60N STMICROELECTRONICS-STL18NM60N Datasheet
610Kb / 14P
   N-channel 600 V, 0.260 廓, 6 A PowerFLAT??8x8 HV MDmesh??II Power MOSFET
STFI13NM60N STMICROELECTRONICS-STFI13NM60N Datasheet
782Kb / 12P
   N-channel 600 V, 0.28 廓, 11 A MDmesh??II Power MOSFET in I짼PAKFP package
May 2012 Rev 4
STL13NM60N STMICROELECTRONICS-STL13NM60N Datasheet
835Kb / 14P
   N-channel 600 V, 0.320 廓, 10 A PowerFLAT??(8x8) HV MDmesh??II Power MOSFET
STD3NM60N STMICROELECTRONICS-STD3NM60N Datasheet
909Kb / 15P
   N-channel 600 V, 1.6 廓, 3.3 A, MDmesh??II Power MOSFET in DPAK package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com