Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDG314P Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDG314P
Description  Digital FET, P-Channel
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG314P Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDG314P Datasheet HTML 1Page - Fairchild Semiconductor FDG314P Datasheet HTML 2Page - Fairchild Semiconductor FDG314P Datasheet HTML 3Page - Fairchild Semiconductor FDG314P Datasheet HTML 4Page - Fairchild Semiconductor FDG314P Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FDG314P Rev.C
FDG314P
Digital FET, P-Channel
July 2000
2000 Fairchild Semiconductor International
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
-25
V
VGSS
Gate-Source Voltage
±8V
ID
Drain Current
- Continuous
(Note 1a)
-0.65
A
- Pulsed
-1.8
Power Dissipation for Single Operation
(Note 1a)
0.75
W
PD
(Note 1b)
0.48
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
ESD
Electrostatic Discharge Rating MIL-STD-883D
Human Body Model (100pf/1500 Ohm)
6.0
kV
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1b)
260
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape Width
Quantity
.14
FDG314P
7’’
8mm
3000 units
General Description
This P-Channel enhancement mode field effect
transistor is produced using Fairchild Semiconductor’s
proprietary, high cell density, DMOS technology. This
very high density process is tailored to minimize on-
state resistance at low gate drive conditions. This
device is designed especially for battery power
applications such as notebook computers and cellular
phones. This device has excellent on-state resistance
even at gate drive voltages as low as 2.5 volts.
Applications
Power Management
Load switch
Signal switch
Features
-0.65 A, -25 V. R
DS(ON) = 1.1 Ω @ VGS = -4.5 V
R
DS(ON) = 1.5 Ω @ VGS = -2.7 V.
Very low gate drive requirements allowing direct
operation in 3V cirucuits (V
GS(th) <1.5 V).
Gate-Source Zener for ESD ruggedness
(>6 kV Human Body Model).
Compact industry standard SC70-6 surface mount
package.
SC70-6
D
S
D
G
D
D
3
5
6
4
1
2
3


Similar Part No. - FDG314P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG311N FAIRCHILD-FDG311N Datasheet
89Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDG312P FAIRCHILD-FDG312P Datasheet
206Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDG313N FAIRCHILD-FDG313N Datasheet
713Kb / 8P
   Digital FET, N-Channel
FDG315 FAIRCHILD-FDG315 Datasheet
81Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
FDG315N FAIRCHILD-FDG315N Datasheet
81Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
More results

Similar Description - FDG314P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDV302P FAIRCHILD-FDV302P Datasheet
63Kb / 4P
   Digital FET, P-Channel
FDV304P FAIRCHILD-FDV304P Datasheet
63Kb / 4P
   Digital FET, P-Channel
FDG6302P FAIRCHILD-FDG6302P Datasheet
302Kb / 8P
   Dual P-Channel, Digital FET
FDC6304P FAIRCHILD-FDC6304P Datasheet
74Kb / 4P
   Digital FET, Dual P-Channel
FDG6318P FAIRCHILD-FDG6318P Datasheet
123Kb / 5P
   Dual P-Channel, Digital FET
FDG6318PZ FAIRCHILD-FDG6318PZ Datasheet
217Kb / 9P
   Dual P-Channel, Digital FET
FDG6304P FAIRCHILD-FDG6304P Datasheet
227Kb / 8P
   Dual P-Channel, Digital FET
FDC6302P FAIRCHILD-FDC6302P Datasheet
76Kb / 4P
   Digital FET, Dual P-Channel
FDC6322C FAIRCHILD-FDC6322C Datasheet
96Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C_08 Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com