Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8338 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8338
Description  Low Power, 18 MHz Variable Gain Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8338 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8338 Datasheet HTML 5Page - Analog Devices AD8338 Datasheet HTML 6Page - Analog Devices AD8338 Datasheet HTML 7Page - Analog Devices AD8338 Datasheet HTML 8Page - Analog Devices AD8338 Datasheet HTML 9Page - Analog Devices AD8338 Datasheet HTML 10Page - Analog Devices AD8338 Datasheet HTML 11Page - Analog Devices AD8338 Datasheet HTML 12Page - Analog Devices AD8338 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
AD8338
Rev. 0 | Page 9 of 16
0
–10
–20
–30
–40
–50
–60
–70
–80
0.1
1.1
0.9
0.7
0.5
0.3
1.0
0.8
0.6
0.4
0.2
VGAIN (V)
HD2, MODE PIN HIGH
HD3, MODE PIN HIGH
HD2, MODE PIN LOW
HD3, MODE PIN LOW
VOUT = 0.5V p-p
Figure 22. Harmonic Distortion vs. VGAIN
20
10
0
–10
–20
–30
–40
–50
–60
–70
0.1
0.3
0.5
0.7
0.9
1.1
VGAIN (V)
OUTPUT
INPUT
Figure 23. Input and Output 1 dB Compression vs. VGAIN
25
0
5
10
15
20
0.1
1.1
0.9
0.5
0.7
0.3
VGAIN (V)
100kHz
1MHz
Figure 24. OIP3 vs. VGAIN
0
–10
–20
–30
–40
–50
–60
–70
–80
20k
20M
2M
200k
FREQUENCY (Hz)
Figure 25. IMD3 Distortion vs. Frequency
2.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
100
200
300
400
500
600
700
800
TIME (ns)
VOUT = 2V p-p
f = 1MHz
GAIN = 0dB
Figure 26. Large Signal Pulse Response vs. Time, VGAIN = 0 V
2.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
0.2
0.4
0.6
0.8
TIME (µs)
VOUT = 2V p-p
f = 1MHz
GAIN = 80dB
Figure 27. Large Signal Pulse Response vs. Time, VGAIN = 1.0 V


Similar Part No. - AD8338

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8338 AD-AD8338 Datasheet
462Kb / 19P
   Low Power, 18 MHz Variable Gain Amplifier
AD8338-EVALZ AD-AD8338-EVALZ Datasheet
462Kb / 19P
   Low Power, 18 MHz Variable Gain Amplifier
AD8338ACPZ-R7 AD-AD8338ACPZ-R7 Datasheet
462Kb / 19P
   Low Power, 18 MHz Variable Gain Amplifier
AD8338ACPZ-RL AD-AD8338ACPZ-RL Datasheet
462Kb / 19P
   Low Power, 18 MHz Variable Gain Amplifier
AD8338 AD-AD8338_16 Datasheet
462Kb / 19P
   Low Power, 18 MHz Variable Gain Amplifier
More results

Similar Description - AD8338

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8338 AD-AD8338_16 Datasheet
462Kb / 19P
   Low Power, 18 MHz Variable Gain Amplifier
logo
National Semiconductor ...
CLC5523 NSC-CLC5523 Datasheet
154Kb / 12P
   Low-Power, Variable Gain Amplifier
logo
Analog Devices
AD603 AD-AD603_07 Datasheet
551Kb / 24P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. H
AD603 AD-AD603 Datasheet
219Kb / 14P
   Low Noise, 90 MHz Variable-Gain Amplifier
REV. C
AD603 AD-AD603_05 Datasheet
605Kb / 20P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. G
AD603 AD-AD603_15 Datasheet
994Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
Rev. K
AD603 AD-AD603_17 Datasheet
815Kb / 25P
   Low Noise, 90 MHz Variable Gain Amplifier
logo
Texas Instruments
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
[Old version datasheet]   Wideband, Low Power, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
   Wideband, Low Power, Variable Gain Amplifier
logo
Analog Devices
AD8330 AD-AD8330 Datasheet
681Kb / 28P
   Low Cost DC-150 MHz Variable Gain Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com