Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16000AMLZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADIS16000AMLZ
Description  Digital MEMS Vibration Sensor w/ Embedded RF Transceiver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16000AMLZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADIS16000AMLZ Datasheet HTML 2Page - Analog Devices ADIS16000AMLZ Datasheet HTML 3Page - Analog Devices ADIS16000AMLZ Datasheet HTML 4Page - Analog Devices ADIS16000AMLZ Datasheet HTML 5Page - Analog Devices ADIS16000AMLZ Datasheet HTML 6Page - Analog Devices ADIS16000AMLZ Datasheet HTML 7Page - Analog Devices ADIS16000AMLZ Datasheet HTML 8Page - Analog Devices ADIS16000AMLZ Datasheet HTML 9Page - Analog Devices ADIS16000AMLZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
ADIS16000/ADIS16229
Preliminary Technical Data
Rev. PrA | Page 6 of 37
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Acceleration
Any Axis, Unpowered
2000 g
Any Axis, Powered
2000 g
VDD to GND
−0.3 V to +3.96 V
Digital Input Voltage to GND
−0.3 V to +3.96 V
Digital Output Voltage to GND
−0.3 V to +3.96 V
Temperature
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 4. Package Characteristics
Package Type
θJA
θJC
Device Weight
15-Lead Module
31°C/W
11°C/W
6.5 grams
ESD CAUTION


Similar Part No. - ADIS16000AMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16003 AD-ADIS16003 Datasheet
285Kb / 16P
   Dual-Axis 짹1.7 g Accelerometer with SPI Interface
REV. 0
ADIS16003 AD-ADIS16003 Datasheet
819Kb / 9P
   iSensor??PC Evaluation System
Rev. Pr.A, 8/10/06
ADIS16003 AD-ADIS16003 Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
ADIS16003/PCBZ AD-ADIS16003/PCBZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16003CCCZ AD-ADIS16003CCCZ Datasheet
285Kb / 16P
   Dual-Axis 짹1.7 g Accelerometer with SPI Interface
REV. 0
More results

Similar Description - ADIS16000AMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16220 AD-ADIS16220 Datasheet
233Kb / 16P
   Programmable Digital Vibration Sensor
Rev. PrE
logo
Knowles Electronics
V2S200D KNOWLES-V2S200D Datasheet
3Mb / 12P
   MULTIMODE DIGITAL VIBRATION SENSOR
Rev. 5
logo
Analog Devices
ADIS16228 AD-ADIS16228 Datasheet
747Kb / 28P
   Digital Triaxial Vibration Sensor
REV. B
ADIS16220 AD-ADIS16220_09 Datasheet
247Kb / 20P
   Programmable Digital Vibration Sensor
REV. 0
logo
SiTime Corp.
SIT1252 SITIME-SIT1252 Datasheet
257Kb / 1P
   Embedded MEMS Resonator
logo
Pepperl+Fuchs Inc.
VIM62PP-E1V16-0NE-I420KA4 PF-VIM62PP-E1V16-0NE-I420KA4 Datasheet
904Kb / 3P
   Vibration sensor
2022-12-01
VIM62PL-E0G10-0ME-I420K24 PF-VIM62PL-E0G10-0ME-I420K24 Datasheet
882Kb / 3P
   Vibration sensor
2022-12-01
VIM82PU-S1V16-2AE-I422C28 PF-VIM82PU-S1V16-2AE-I422C28 Datasheet
973Kb / 4P
   Vibration sensor
2022-12-01
VIM62PL-E0T16-0ME-I420V14 PF-VIM62PL-E0T16-0ME-I420V14 Datasheet
1Mb / 3P
   Vibration sensor
2022-12-05
VIM62PL-E1V16-0ME-I420V14 PF-VIM62PL-E1V16-0ME-I420V14 Datasheet
1Mb / 3P
   Vibration sensor
2022-12-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com