Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDG6302P Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDG6302P
Description  Dual P-Channel, Digital FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG6302P Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDG6302P Datasheet HTML 1Page - Fairchild Semiconductor FDG6302P Datasheet HTML 2Page - Fairchild Semiconductor FDG6302P Datasheet HTML 3Page - Fairchild Semiconductor FDG6302P Datasheet HTML 4Page - Fairchild Semiconductor FDG6302P Datasheet HTML 5Page - Fairchild Semiconductor FDG6302P Datasheet HTML 6Page - Fairchild Semiconductor FDG6302P Datasheet HTML 7Page - Fairchild Semiconductor FDG6302P Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SC70-6 Tape and Reel Data and Package Dimensions, continued
July 1999, Rev. C
P1
A0
D1
P0
F
W
E1
D0
E2
B0
Tc
Wc
K0
T
Dimensions are in inches and millimeters
Tape Size
Reel
Option
Dim A
Dim B
Dim C
Dim D
Dim N
Dim W1
Dim W2
Dim W3 (LSL-USL)
8mm
7" Dia
7.00
177.8
0.059
1.5
0.512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
2.165
55
0.331 +0.059/-0.000
8.4 +1.5/0
0.567
14.4
0.311 – 0.429
7.9 – 10.9
8mm
13" Dia
13.00
330
0.059
1.5
0.512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
4.00
100
0.331 +0.059/-0.000
8.4 +1.5/0
0.567
14.4
0.311 – 0.429
7.9 – 10.9
See detail AA
Dim A
max
13" Diameter Option
7" Diameter Option
Dim A
Max
See detail AA
W3
W2 max Measured at Hub
W1 Measured at Hub
Dim N
Dim D
min
Dim C
B Min
DETAIL AA
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481
rotational and lateral movement requirements (see sketches A, B, and C).
20 deg maximum component rotation
0.5mm
maximum
0.5mm
maximum
Sketch C (Top View)
Component lateral movement
Typical
component
cavity
center line
20 deg maximum
Typical
component
center line
B0
A0
Sketch B (Top View)
Component Rotation
Sketch A (Side or Front Sectional View)
Component Rotation
User Direction of Feed
SC70-6 Embossed Carrier Tape
Configuration: Figure 3.0
SC70-6 Reel Configuration: Figure 4.0
Dimensions are in millimeter
Pkg type
A0
B0
W
D0
D1
E1
E2
F
P1
P0
K0
T
Wc
Tc
SC70-6
(8mm)
2.24
+/-0.10
2.34
+/-0.10
8.0
+/-0.3
1.55
+/-0.05
1.125
+/-0.125
1.75
+/-0.10
6.25
min
3.50
+/-0.05
4.0
+/-0.1
4.0
+/-0.1
1.20
+/-0.10
0.255
+/-0.150
5.2
+/-0.3
0.06
+/-0.02


Similar Part No. - FDG6302P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG6301N FAIRCHILD-FDG6301N Datasheet
226Kb / 8P
   Dual N-Channel, Digital FET
logo
Guangdong Kexin Industr...
FDG6301N KEXIN-FDG6301N Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
logo
Fairchild Semiconductor
FDG6301N FAIRCHILD-FDG6301N Datasheet
351Kb / 5P
   Dual N-Channel, Digital FET
logo
ON Semiconductor
FDG6301N-F085 ONSEMI-FDG6301N-F085 Datasheet
640Kb / 6P
   Dual N-Channel, Digital FET
September, 2019 - Rev. 3
logo
Fairchild Semiconductor
FDG6301N FAIRCHILD-FDG6301N_09 Datasheet
351Kb / 5P
   Dual N-Channel, Digital FET
More results

Similar Description - FDG6302P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6304P FAIRCHILD-FDC6304P Datasheet
74Kb / 4P
   Digital FET, Dual P-Channel
FDG6318P FAIRCHILD-FDG6318P Datasheet
123Kb / 5P
   Dual P-Channel, Digital FET
FDG6318PZ FAIRCHILD-FDG6318PZ Datasheet
217Kb / 9P
   Dual P-Channel, Digital FET
FDG6304P FAIRCHILD-FDG6304P Datasheet
227Kb / 8P
   Dual P-Channel, Digital FET
FDC6302P FAIRCHILD-FDC6302P Datasheet
76Kb / 4P
   Digital FET, Dual P-Channel
FDC6322C FAIRCHILD-FDC6322C Datasheet
96Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C_08 Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
FDG6321C FAIRCHILD-FDG6321C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDC6320C FAIRCHILD-FDC6320C Datasheet
100Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C Datasheet
247Kb / 12P
   Dual N & P Channel Digital FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com