Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8VK-G Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # S8VK-G
Description  Reliable and Easy Operation Resistant in tough environments Easy and fast installation The most compact size on the market
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VK-G Datasheet(HTML) 1 Page - Omron Electronics LLC

  S8VK-G Datasheet HTML 1Page - Omron Electronics LLC S8VK-G Datasheet HTML 2Page - Omron Electronics LLC S8VK-G Datasheet HTML 3Page - Omron Electronics LLC S8VK-G Datasheet HTML 4Page - Omron Electronics LLC S8VK-G Datasheet HTML 5Page - Omron Electronics LLC S8VK-G Datasheet HTML 6Page - Omron Electronics LLC S8VK-G Datasheet HTML 7Page - Omron Electronics LLC S8VK-G Datasheet HTML 8Page - Omron Electronics LLC S8VK-G Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
New Product
Switch Mode Power Supply
S8VK-G (15/30/60/120/240/480-W Models)
Reliable and Easy Operation
Resistant in tough environments
Easy and fast installation
The most compact size on the market
• Universal input for worldwide applications:
100 to 240 VAC (85 to 264 VAC)
• DC input available: 90 to 350 VDC
• Possible 2 phases input usage.
• Wide operation temperature range: –40 to 70 °C
• Power Boost function at 120%
• Safety standards:
UL508/60950-1, CSA C22.2 No. 107.1/60950-1
EN50178 (= VDE0160), EN60950-1 (= VDE0805).
Lloyd’s standards*, EN60204-1 PELV
Safety of Power Transformers: EN61558-2-16
• 15-W,30-W, and 60-W models conform to
UL Class 2 output Standards
• EMS: EN 61204-3
EMI: EN61204-3 Class B
* Scheduled to obtain certification in June, 2013.
! Refer to
Safety Precautions for All Power Supplies
and Safety
Precautions
on page .


Similar Part No. - S8VK-G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
S8VK-C06024 OMRON-S8VK-C06024 Datasheet
4Mb / 20P
   Switch Mode Power Supply
S8VK-C12024 OMRON-S8VK-C12024 Datasheet
4Mb / 20P
   Switch Mode Power Supply
S8VK-C24024 OMRON-S8VK-C24024 Datasheet
4Mb / 20P
   Switch Mode Power Supply
S8VK-C48024 OMRON-S8VK-C48024 Datasheet
4Mb / 20P
   Switch Mode Power Supply
More results

Similar Description - S8VK-G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-DAC-S OMRON-E3X-DAC-S Datasheet
1Mb / 16P
   Easy and Reliable The Fiber Sensor That Sees in Color
logo
PHOENIX CONTACT
2700906 PHOENIX-2700906 Datasheet
56Kb / 4P
   Easy installation, low installation depth, and compact design
2700916 PHOENIX-2700916 Datasheet
56Kb / 4P
   Easy installation, low installation depth, and compact design
2400163 PHOENIX-2400163 Datasheet
48Kb / 3P
   Easy installation, low installation depth, and compact design
2701555 PHOENIX-2701555 Datasheet
53Kb / 3P
   Easy installation, low installation depth, and compact design
2400453 PHOENIX-2400453 Datasheet
68Kb / 6P
   Easy installation, low installation depth, and compact design
2700921 PHOENIX-2700921 Datasheet
55Kb / 4P
   Easy installation, low installation depth, and compact design
2700911 PHOENIX-2700911 Datasheet
56Kb / 4P
   Easy installation, low installation depth, and compact design
logo
List of Unclassifed Man...
AOC-CTGS-I2T ETC2-AOC-CTGS-I2T Datasheet
566Kb / 1P
   The most compact Dual-Port 10GbE adapter with 10GBase-T in the market
logo
Texas Instruments
ADS5120EVM TI1-ADS5120EVM_14 Datasheet
1Mb / 22P
[Old version datasheet]   PROVIDES FAST AND EASY PERFORMANCE TESTING FOR THE ADS5120
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com