Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8VK-G06012 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # S8VK-G06012
Description  Reliable and Easy Operation Resistant in tough environments Easy and fast installation The most compact size on the market
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VK-G06012 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button S8VK-G06012 Datasheet HTML 7Page - Omron Electronics LLC S8VK-G06012 Datasheet HTML 8Page - Omron Electronics LLC S8VK-G06012 Datasheet HTML 9Page - Omron Electronics LLC S8VK-G06012 Datasheet HTML 10Page - Omron Electronics LLC S8VK-G06012 Datasheet HTML 11Page - Omron Electronics LLC S8VK-G06012 Datasheet HTML 12Page - Omron Electronics LLC S8VK-G06012 Datasheet HTML 13Page - Omron Electronics LLC S8VK-G06012 Datasheet HTML 14Page - Omron Electronics LLC S8VK-G06012 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
S8VK-G
11
Overvoltage Protection
Consider the possibility of an overvoltage and design the system so
that the load will not be subjected to an excessive voltage even if the
feedback circuit in the Power Supplyfails. If an excessive voltage that
is approximately 130% of the rated voltage or more is output, the
output voltage is shut OFF. Reset the input power by turning it OFF
for at least three minutes and then turning it back ON again.
Note: Do not turn ON the power again until the cause of the
overvoltage has been removed.
Inrush Current, Startup Time, Output Hold Time
Note: Twice the input current or above will flow during the parallel
operation or redundant system.
Therefore, check the fusing characteristics of fuses and
operating characteristics of breakers making sure that the
external fuses will not burn out and the circuit breakers will not
be activated by the inrush current.
Two phases application for Single phase models
For All Single phase Models, S8VK-G
Basically OMRON single phase power supply can be used on two-
phases of a 3–phase-system when some of conditions satisfy like
below.
1. The supplying voltage is below the maximum rated input.
OMRON Power supply allows the input voltage equivalent or less
than 240 VAC+10%.
Please confirm the input voltage between two lines if the input
voltage satisfies this condition before connecting.
2. The external protectoris needed on N input line to secure a safety.
N line has no protection of a fuse internally.
An appropriate fuse or circuit breaker should be connected on N
input line like the following.
Parallel Operation
The parallel operation of S8VK-G is possible to increase the output
power.
However please consider the following notes when the parallel
operation must be done.
1. The range of ambient temperature for Parallel operation is –25 to
40°C
2. Up to two of the same model can be connected in parallel.
3. Adjust the output voltage difference of each Power Supply to 50
mV or less, using the output voltage adjuster (V. ADJ).
4. There is no current balancing function for S8VK-G. A high output
voltage unit may work at overcurrent state and in this situation, a
life of a Power Supply will be extremely short.
After adjusting the output voltage, confirm theoutput current of the
two Power Supplies balances.
5. Using the parallel operation will not satisfy UL1310 Class2 output.
6. For Parallel Operation, to balance the current of the each unit, the
length and thickness of each wire connected to the load and each
unit must be same as much as possible.
7. For Parallel Operation with units 120 W or less, connect diodes or
S8VK-R to the outputs of each unit if sudden load variation
influence occurs in the ambient operation environment.
Reference Value
+15%
−10%
0 V
+30%
(approx.)
Overvoltage protection
operating
Variable range
Rated output
voltage
The values shown in the above diagram is for reference only.
90%
96.5%
Startup time (1,000 ms max.)
AC input
voltage
AC input
current
Output
voltage
Inrush current on input application
Input OFF
Input ON
Hold time
(20 ms min.)
Reliability
(MTBF)
Value
Single phase model
15 W: 600,000 hrs
30 W: 580,000 hrs
60 W: 590,000 hrs
120 W: 450,000 hrs
240 W: 360,000 hrs
480 W: 230,000 hrs
Definition
MTBF stands for Mean Time Between
Failures, which is calculated according to the
probability of accidental device failures, and
indicates reliability of devices.
Therefore, it does not necessarily represent a
life of the product.
Life expectancy
10 yrs. Min.
Definition
The life expectancy indicates average
operating hours under the ambient
temperature of 40°C and a load rate of 50%.
Normally this is determined by the life
expectancy of the built-in aluminum electrolytic
capacitor.
A external
fuse or a
circuit breaker
max. 240 VAC+10%
Internal
Fuse
Power Supply
N
L
L1
L2
L3 PE
INPUT
+V
−V
INPUT
+V
−V
I1
IL
IL = I1 + I2
I2
Load


Similar Part No. - S8VK-G06012

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
S8VK-C06024 OMRON-S8VK-C06024 Datasheet
4Mb / 20P
   Switch Mode Power Supply
S8VK-C12024 OMRON-S8VK-C12024 Datasheet
4Mb / 20P
   Switch Mode Power Supply
S8VK-C24024 OMRON-S8VK-C24024 Datasheet
4Mb / 20P
   Switch Mode Power Supply
S8VK-C48024 OMRON-S8VK-C48024 Datasheet
4Mb / 20P
   Switch Mode Power Supply
More results

Similar Description - S8VK-G06012

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-DAC-S OMRON-E3X-DAC-S Datasheet
1Mb / 16P
   Easy and Reliable The Fiber Sensor That Sees in Color
logo
PHOENIX CONTACT
2700906 PHOENIX-2700906 Datasheet
56Kb / 4P
   Easy installation, low installation depth, and compact design
2700916 PHOENIX-2700916 Datasheet
56Kb / 4P
   Easy installation, low installation depth, and compact design
2400163 PHOENIX-2400163 Datasheet
48Kb / 3P
   Easy installation, low installation depth, and compact design
2701555 PHOENIX-2701555 Datasheet
53Kb / 3P
   Easy installation, low installation depth, and compact design
2400453 PHOENIX-2400453 Datasheet
68Kb / 6P
   Easy installation, low installation depth, and compact design
2700921 PHOENIX-2700921 Datasheet
55Kb / 4P
   Easy installation, low installation depth, and compact design
2700911 PHOENIX-2700911 Datasheet
56Kb / 4P
   Easy installation, low installation depth, and compact design
logo
List of Unclassifed Man...
AOC-CTGS-I2T ETC2-AOC-CTGS-I2T Datasheet
566Kb / 1P
   The most compact Dual-Port 10GbE adapter with 10GBase-T in the market
logo
Texas Instruments
ADS5120EVM TI1-ADS5120EVM_14 Datasheet
1Mb / 22P
[Old version datasheet]   PROVIDES FAST AND EASY PERFORMANCE TESTING FOR THE ADS5120
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com