Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8VT-F12024E Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # S8VT-F12024E
Description  Three-phase Input Switch Mode Power Supply
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VT-F12024E Datasheet(HTML) 1 Page - Omron Electronics LLC

  S8VT-F12024E Datasheet HTML 1Page - Omron Electronics LLC S8VT-F12024E Datasheet HTML 2Page - Omron Electronics LLC S8VT-F12024E Datasheet HTML 3Page - Omron Electronics LLC S8VT-F12024E Datasheet HTML 4Page - Omron Electronics LLC S8VT-F12024E Datasheet HTML 5Page - Omron Electronics LLC S8VT-F12024E Datasheet HTML 6Page - Omron Electronics LLC S8VT-F12024E Datasheet HTML 7Page - Omron Electronics LLC S8VT-F12024E Datasheet HTML 8Page - Omron Electronics LLC S8VT-F12024E Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Three-phase Input Switch Mode Power Supply
S8VT
1
Three-phase Input Switch Mode Power Supply
S8VT
DIN-rail mounting, Power Supply with a
range of 5 A to 40 A output current
• 3 phase 400 to 500 VAC
• 5, 10, 20 and 40 A; 24 VDC output
• Higher stability, lower ripple and noise level
• Compact design
• Fuses protection included
• Natural ventilation
• UL60950 (CSA22.2-60950), UL508 listing
in addition to the CE mark
• Conform to EN61000-3-2
• Parallel & serial operation possible
Ordering Information
■ S8VT
■ Model Number Legend
Input voltage
Power rating
Output voltage
Output current
Model number
400 to 500 VAC
3-phase
120 W
24 V
5 A
S8VT-F12024E
240 W
24 V
10 A
S8VT-F24024E
480 W
24 V
20 A
S8VT-F48024E
960 W
24 V
40 A
S8VT-F96024E
j*
S8VT -
E
1
2
3
1. Input Voltage
F: 400 to 500 VAC 3-phase
3. Output Voltage
24: 24 V
2. Power Rating
120: 120 W
240: 240 W
480: 480 W
960: 960 W


Similar Part No. - S8VT-F12024E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8V-CP OMRON-S8V-CP Datasheet
1Mb / 16P
   DC Electronic Circuit Protector (24 VDC 4 Outputs/8 Outputs Type)
S8V-CP0424 OMRON-S8V-CP0424 Datasheet
1Mb / 16P
   DC Electronic Circuit Protector (24 VDC 4 Outputs/8 Outputs Type)
S8V-CP0424S OMRON-S8V-CP0424S Datasheet
1Mb / 16P
   DC Electronic Circuit Protector (24 VDC 4 Outputs/8 Outputs Type)
S8V-CP0824 OMRON-S8V-CP0824 Datasheet
1Mb / 16P
   DC Electronic Circuit Protector (24 VDC 4 Outputs/8 Outputs Type)
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
More results

Similar Description - S8VT-F12024E

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8PE OMRON-S8PE Datasheet
370Kb / 8P
   Three phase input switch mode Power Supply (DIN-rail mounting, 3-phase input Switch mode Power Supply with a range of 5A to 40A output current)
logo
List of Unclassifed Man...
PVSB400 ETC2-PVSB400 Datasheet
1Mb / 2P
   Three phase, primary switched mode power supply, Basic
logo
PULS GmbH
XT40.241 PULS-XT40.241 Datasheet
585Kb / 20P
   THREE-PHASE INPUT
QT20.481 PULS-QT20.481 Datasheet
658Kb / 23P
   THREE PHASE INPUT
XT40.361 PULS-XT40.361 Datasheet
544Kb / 20P
   THREE-PHASE INPUT
XT40.481 PULS-XT40.481 Datasheet
590Kb / 20P
   THREE-PHASE INPUT
QT40.241 PULS-QT40.241 Datasheet
953Kb / 29P
   THREE PHASE INPUT
QT20.361 PULS-QT20.361 Datasheet
728Kb / 23P
   THREE PHASE INPUT
QT20.241 PULS-QT20.241 Datasheet
932Kb / 27P
   THREE PHASE INPUT
QT40.361 PULS-QT40.361 Datasheet
895Kb / 27P
   THREE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com