Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3031M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MOC3031M
Description  6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3031M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MOC3031M Datasheet HTML 1Page - Fairchild Semiconductor MOC3031M Datasheet HTML 2Page - Fairchild Semiconductor MOC3031M Datasheet HTML 3Page - Fairchild Semiconductor MOC3031M Datasheet HTML 4Page - Fairchild Semiconductor MOC3031M Datasheet HTML 5Page - Fairchild Semiconductor MOC3031M Datasheet HTML 6Page - Fairchild Semiconductor MOC3031M Datasheet HTML 7Page - Fairchild Semiconductor MOC3031M Datasheet HTML 8Page - Fairchild Semiconductor MOC3031M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC303XM, MOC304XM Rev. 1.0.7
2
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Note
1. Isolation surge voltage, VISO, is an internal device dielectric breakdown rating. For this test, Pins 1 and 2 are
common, and Pins 4, 5 and 6 are common.
Symbol
Parameters
Device
Value
Units
TOTAL DEVICE
TSTG
Storage Temperature
All
-40 to +150
°C
TOPR
Operating Temperature
All
-40 to +85
°C
TSOL
Lead Solder Temperature
All
260 for 10
sec
°C
TJ
Junction Temperature Range
All
-40 to +100
°C
VISO
Isolation Surge Voltage(1)
(peak AC voltage, 60Hz, 1 sec. duration, II-O ≤ 2µA)
All
7500
Vac(pk)
PD
Total Device Power Dissipation @ 25°C
Derate above 25°C
All
250
mW
2.94
mW/°C
EMITTER
IF
Continuous Forward Current
All
60
mA
VR
Reverse Voltage
All
6
V
PD
Total Power Dissipation 25°C Ambient
Derate above 25°C
All
120
mW
1.41
mW/°C
DETECTOR
VDRM
Off-State Output Terminal Voltage
MOC3031M/2M/3M
250
V
MOC3041M/2M/3M
400
ITSM
Peak Repetitive Surge Current
(PW = 100µs, 120 pps)
All
1
A
PD
Total Power Dissipation @ 25°C Ambient
Derate above 25°C
All
150
mW
All
1.76
mW/°C


Similar Part No. - MOC3031M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3031M FAIRCHILD-MOC3031M Datasheet
520Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
logo
ON Semiconductor
MOC3031M ONSEMI-MOC3031M Datasheet
405Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Output Optocoupler (250/400 Volt Peak)
May, 2021 ??Rev. 2
More results

Similar Description - MOC3031M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3031M FAIRCHILD-MOC3031M Datasheet
520Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
logo
ON Semiconductor
MOC3031M ONSEMI-MOC3031M Datasheet
405Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Output Optocoupler (250/400 Volt Peak)
May, 2021 ??Rev. 2
logo
Fairchild Semiconductor
MOC3081M FAIRCHILD-MOC3081M Datasheet
543Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3081M FAIRCHILD-MOC3081M_05 Datasheet
537Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3082M FAIRCHILD-MOC3082M Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M_09 Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3010-M FAIRCHILD-MOC3010-M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com