Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3042M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MOC3042M
Description  6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (250/400 Volt Peak)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3042M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MOC3042M Datasheet HTML 1Page - Fairchild Semiconductor MOC3042M Datasheet HTML 2Page - Fairchild Semiconductor MOC3042M Datasheet HTML 3Page - Fairchild Semiconductor MOC3042M Datasheet HTML 4Page - Fairchild Semiconductor MOC3042M Datasheet HTML 5Page - Fairchild Semiconductor MOC3042M Datasheet HTML 6Page - Fairchild Semiconductor MOC3042M Datasheet HTML 7Page - Fairchild Semiconductor MOC3042M Datasheet HTML 8Page - Fairchild Semiconductor MOC3042M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC303XM, MOC304XM Rev. 1.0.7
3
Electrical Characteristics (T
A = 25°C Unless otherwise specified)
Individual Component Characteristics
Transfer Characteristics
Zero Crossing Characteristics
Notes:
2. Test voltage must be applied within dv/dt rating.
3. All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended
operating IF lies between max IFT (15mA for MOC3031M & MOC3041M, 10mA for MOC3032M & MOC3042M,
5mA for MOC3033M & MOC3043M) and absolute max IF (60mA).
4. This is static dv/dt. See Figure 9 for test circuit. Commutating dv/dt is a function of the load-driving thyristor(s) only.
Symbol
Parameters
Test Conditions
Device
Min.
Typ.
Max.
Units
EMITTER
VF
Input Forward Voltage
IF = 30mA
All
1.25
1.5
V
IR
Reverse Leakage Current
VR = 6V
All
0.01
100
µA
DETECTOR
IDRM1
Peak Blocking Current,
Either Direction
Rated VDRM, IF = 0
(2)
All
100
nA
VTM
Peak On-State Voltage,
Either Direction
ITM = 100mA peak, IF = 0
All
1.8
3
V
dv/dt
Critical Rate of Rise of
Off-State Voltage
IF = 0 (Figure 9)
(4)
All
1000
V/µs
Symbol
DC Characteristics
Test Conditions
Device
Min.
Typ.
Max.
Units
IFT
LED Trigger Current
Main Terminal
Voltage = 3V(3)
MOC3031M/
MOC3041M
15
mA
MOC3032M/
MOC3042M
10
MOC3033M/
MOC3043M
5
IH
Holding Current,
Either Direction
All
400
µA
Symbol
Characteristics
Test Conditions
Device
Min.
Typ.
Max.
Units
VIH
Inhibit Voltage
IF = rated IFT, MT1-MT2
voltage above which device
will not trigger
off-state
All
20
V
IDRM2
Leakage in Inhibited
State
IF = rated IFT, rated VDRM
off-state
All
2
mA


Similar Part No. - MOC3042M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3042M FAIRCHILD-MOC3042M Datasheet
520Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
logo
ON Semiconductor
MOC3042M ONSEMI-MOC3042M Datasheet
405Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Output Optocoupler (250/400 Volt Peak)
May, 2021 ??Rev. 2
logo
Guangdong Youtai Semico...
MOC3042M UMW-MOC3042M Datasheet
2Mb / 6P
   Zero Crossing Phase Triac Driven Optocoupler
More results

Similar Description - MOC3042M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3031M FAIRCHILD-MOC3031M Datasheet
520Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
logo
ON Semiconductor
MOC3031M ONSEMI-MOC3031M Datasheet
405Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Output Optocoupler (250/400 Volt Peak)
May, 2021 ??Rev. 2
logo
Fairchild Semiconductor
MOC3081M FAIRCHILD-MOC3081M Datasheet
543Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3081M FAIRCHILD-MOC3081M_05 Datasheet
537Kb / 11P
   6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT (800 VOLT PEAK)
MOC3082M FAIRCHILD-MOC3082M Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
293Kb / 11P
   6-Pin Zero-Cross Optoisolators Triac Driver Output (800 Volt Peak)
MOC3081 FAIRCHILD-MOC3081 Datasheet
167Kb / 11P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output (800Volts Peak)
MOC3010M FAIRCHILD-MOC3010M_05 Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3010M FAIRCHILD-MOC3010M_09 Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
MOC3010-M FAIRCHILD-MOC3010-M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com