Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S82S-7715 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # S82S-7715
Description  Miniature DIN Rail Mounting DC-DC Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82S-7715 Datasheet(HTML) 5 Page - Omron Electronics LLC

  S82S-7715 Datasheet HTML 1Page - Omron Electronics LLC S82S-7715 Datasheet HTML 2Page - Omron Electronics LLC S82S-7715 Datasheet HTML 3Page - Omron Electronics LLC S82S-7715 Datasheet HTML 4Page - Omron Electronics LLC S82S-7715 Datasheet HTML 5Page - Omron Electronics LLC S82S-7715 Datasheet HTML 6Page - Omron Electronics LLC S82S-7715 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
S82S
5
Dimensions
Note: All units are in millimeters unless otherwise indicated.
■ Accessories
Note: All units are in millimeters unless otherwise indicated.
Mounting Bracket
Used when not mounting the Power Supply directly on the DIN Rail.
■ DIN Rail (Order Separately)
Note: The values shown in parentheses are for the PFP-50N.
37.5
9.8
65
4
61
35
7.3
*
75
* A distance of 7.3 mm is required between the
model and the mounting surface when the
mounting bracket provided with the model is used.
Six, M3.5
4.6
(Sliding 7 max.)
L27
M4 or 4.5 dia.
Mounting bracket
(provided with the model)
Mounting Holes
S82S-73
@@ (3W)
S82S-77
@@ (7.5W)
Note: If more than one Power
Supply is installed in a row,
keep a distance of 20 mm
min. (L = 20 mm min.)
between each adjacent
Power Supply.
Mounting Rail (Material: Aluminum)
7.3
1.8
27±0.1
Two, 4.5±0.1 dia.
37.5±0.1
35±0.15
25±0.15
1.2
PFP-100N
PFP-50N
4.5
15
25
25
10
10
1,000 (500)
(see note)
25
25
15 (5)
(see note)
35±0.3
7.3±0.15
27±0.15
1
PFP-100N2
4.5
15
25
25
10
10
1,000
25
25
15
1
1.5
29.2
24
27
35±0.3
16


Similar Part No. - S82S-7715

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S82S09 ETC1-S82S09 Datasheet
129Kb / 4P
   576-BIT BIPOLAR RAM (64 X 9)
S82S19 ETC1-S82S19 Datasheet
129Kb / 4P
   576-BIT BIPOLAR RAM (64 X 9)
S82S212 ETC-S82S212 Datasheet
97Kb / 3P
   2304 BIT BIPOLAR RAM
More results

Similar Description - S82S-7715

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSDN-480 WALL-PSDN-480 Datasheet
344Kb / 5P
   AC/DC DIN Rail Power Supplies
logo
RSG Electronic Componen...
KHEA120F-24 RSG-KHEA120F-24 Datasheet
354Kb / 4P
   AC-DC Power Supplies DIN Rail type
logo
MORNSUN Science& Techno...
LI120-13B12 MORNSUN-LI120-13B12 Datasheet
811Kb / 4P
   120W, AC/DC DIN-Rail mounting
logo
MicroPower Direct, LLC
PDRK-15 MPD-PDRK-15 Datasheet
396Kb / 2P
   DIN Rail Mounting Kit For Modular Chassis Mount, 15W AC/DC Power Supplies
MPDRK-30 MPD-MPDRK-30 Datasheet
396Kb / 2P
   DIN Rail Mounting Kit For Modular Chassis Mount, 30W AC/DC Power Supplies
logo
Power Mate Technology C...
DFEC30 P-DUKE-DFEC30_14 Datasheet
370Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFEC15W P-DUKE-DFEC15W_14 Datasheet
284Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20 P-DUKE-DFED20_14 Datasheet
371Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20W P-DUKE-DFED20W_14 Datasheet
369Kb / 3P
   DIN RAIL DC-DC CONVERTER
logo
Axiomtek Co., Ltd.
DMA-050 AXIOMTEK-DMA-050 Datasheet
136Kb / 1P
   AC/DC-to-DC Din-rail power supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com