Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDG6316 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDG6316
Description  P-Channel 1.8V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG6316 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDG6316 Datasheet HTML 1Page - Fairchild Semiconductor FDG6316 Datasheet HTML 2Page - Fairchild Semiconductor FDG6316 Datasheet HTML 3Page - Fairchild Semiconductor FDG6316 Datasheet HTML 4Page - Fairchild Semiconductor FDG6316 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDG6316P Rev D (W)
Typical Characteristics
0
1
2
3
4
5
00.5
1
1.5
2
Qg, GATE CHARGE (nC)
ID = -0.7A
VDS = -4V
-6V
-8V
0
50
100
150
200
250
02468
10
12
-VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
COSS
CRSS
f = 1 MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
0.1
1
10
100
-VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
100
µs
RDS(ON) LIMIT
VGS = -4.5V
SINGLE PULSE
RθJA = 415
oC/W
TA = 25
oC
10ms
1ms
0
2
4
6
8
10
0.001
0.01
0.1
1
10
100
t1, TIME (sec)
SINGLE PULSE
RθJA = 415°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
t1, TIME (sec)
RθJA(t) = r(t) * RθJA
RθJA = 415
oC/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1.
Transient thermal response will change depending on the circuit board design.


Similar Part No. - FDG6316

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDG6316P VBSEMI-FDG6316P Datasheet
1Mb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
More results

Similar Description - FDG6316

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG6308P FAIRCHILD-FDG6308P Datasheet
85Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDW254PZ FAIRCHILD-FDW254PZ_08 Datasheet
230Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDJ1027P FAIRCHILD-FDJ1027P_06 Datasheet
1Mb / 6P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
ON Semiconductor
FDC606P ONSEMI-FDC606P Datasheet
215Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
September-2017, Rev. 5
logo
Fairchild Semiconductor
SI3445DV FAIRCHILD-SI3445DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI3447DV FAIRCHILD-SI3447DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI6467DQ FAIRCHILD-SI6467DQ Datasheet
98Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDC606P FAIRCHILD-FDC606P Datasheet
154Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDN304P FAIRCHILD-FDN304P_01 Datasheet
106Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDS-4465 FAIRCHILD-FDS-4465 Datasheet
371Kb / 5P
   P-Channel 1.8V Specified PowerTrench??MOSFET
FDG330P FAIRCHILD-FDG330P Datasheet
150Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com