Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2441-EVALZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADP2441-EVALZ
Description  The ADP2441 evaluation board is a complete, dc-to-dc switch-ing regulator design based on the ADP2441, a configurable, 1 A, synchronous step-down, dc-to-dc regulator.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2441-EVALZ Datasheet(HTML) 4 Page - Analog Devices

  ADP2441-EVALZ Datasheet HTML 1Page - Analog Devices ADP2441-EVALZ Datasheet HTML 2Page - Analog Devices ADP2441-EVALZ Datasheet HTML 3Page - Analog Devices ADP2441-EVALZ Datasheet HTML 4Page - Analog Devices ADP2441-EVALZ Datasheet HTML 5Page - Analog Devices ADP2441-EVALZ Datasheet HTML 6Page - Analog Devices ADP2441-EVALZ Datasheet HTML 7Page - Analog Devices ADP2441-EVALZ Datasheet HTML 8Page - Analog Devices ADP2441-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
UG-407
ADP2441-EVALZ User Guide
Rev. 0 | Page 4 of 12
MEASURING EVALUATION BOARD
PERFORMANCE
Output Voltage Ripple
To observe the output voltage ripple, place an oscilloscope
probe tip at Terminal T3 and connect the probe ground lead at
the negative (−) Terminal T4. Set the oscilloscope to an ac-
coupled, 100 mV/division and 2 μs/division time base.
Switching Waveform
To observe the switching waveform with an oscilloscope, place
the oscilloscope probe tip at the end of the inductor that is
connected to the SW pin with the probe ground at Terminal T4,
GND. Set the scope to dc, 5 V/division, and 2 µs/division time
base. The switching waveform should alternate between 0 V
and approximately the input voltage.
Figure 4. Switch Node Measurement
Measuring Load Regulation
The load regulation should be measured by increasing the
load at the output and looking at the change in output voltage.
To minimize voltage drop, use short low-resistance wires,
especially for heavy loads.
Measuring Line Regulation
Vary the input voltage and examine the change in the output
voltage. In PWM mode, the output voltage ripple should be
small (<50 mV) but in pulse skip mode, the output voltage
ripple can be as large as 100 mV.
Measuring Efficiency
The efficiency, η, is measured by comparing the input power
with the output power.
IN
IN
OUT
OUT
I
V
I
V
×
×
=
η
Measure the input and output voltages as close as possible to the
input and output capacitors to reduce the effect of IR drops.
Inductor Current
The inductor current can be measured by removing one end
of the inductor from its pad and connecting a current loop in
series with it. Then a current probe can be used to measure
the current flowing through the current loop.
Line Transient Response
Generate a step input voltage (VIN) and observe the behavior
of the output voltage, with an oscilloscope.
Load Transient Response
Generate a load current transient at the output, VOUT, and
observe the output voltage response with an oscilloscope.
Use a current probe attached to the wire between the output
and the load to visualize the current transient.
Loop Stability Measurement
Closed-loop response can be measured using a network
analyzer. To measure the loop response, Header IN and
Header OUT are available.


Similar Part No. - ADP2441-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2441-EVALZ AD-ADP2441-EVALZ Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
More results

Similar Description - ADP2441-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2116 AD-ADP2116 Datasheet
2Mb / 36P
   Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
ADP2114 AD-ADP2114 Datasheet
2Mb / 40P
   Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Texas Instruments
AN-1876 TI-AN-1876 Datasheet
319Kb / 5P
[Old version datasheet]   The LM2841 is a PWM DC/DC buck (step-down) regulator.
AN-1908 TI-AN-1908 Datasheet
359Kb / 5P
[Old version datasheet]   The LM2842 is a PWM DC/DC buck (step-down) regulator.
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Analog Devices
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com