Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2441-EVALZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2441-EVALZ
Description  The ADP2441 evaluation board is a complete, dc-to-dc switch-ing regulator design based on the ADP2441, a configurable, 1 A, synchronous step-down, dc-to-dc regulator.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2441-EVALZ Datasheet(HTML) 1 Page - Analog Devices

  ADP2441-EVALZ Datasheet HTML 1Page - Analog Devices ADP2441-EVALZ Datasheet HTML 2Page - Analog Devices ADP2441-EVALZ Datasheet HTML 3Page - Analog Devices ADP2441-EVALZ Datasheet HTML 4Page - Analog Devices ADP2441-EVALZ Datasheet HTML 5Page - Analog Devices ADP2441-EVALZ Datasheet HTML 6Page - Analog Devices ADP2441-EVALZ Datasheet HTML 7Page - Analog Devices ADP2441-EVALZ Datasheet HTML 8Page - Analog Devices ADP2441-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ADP2441-EVALZ User Guide
UG-407
One Technology Way • P.O. Box 9106 • Norwood, MA 02062-9106, U.S.A. • Tel: 781.329.4700 • Fax: 781.461.3113 • www.analog.com
ADP2441 Evaluation Board
PLEASE SEE THE LAST PAGE FOR AN IMPORTANT
WARNING AND LEGAL TERMS AND CONDITIONS.
Rev. 0 | Page 1 of 12
FEATURES
Full-featured evaluation board for the ADP2441
Configurable synchronous step down dc-dc switching
regulator
Operating voltage range of board: VIN = 6 V to 36 V
Output voltage is set to 5 V or can be adjusted
Maximum load 1 A
Switching frequency set to 500 kHz or adjustable switching
frequency of 300 kHz to 1 MHz
Power saving mode at light load
Precision enable input pin
Current limit protection
Power good output
External soft start set to 6 ms or external tracking available
Board size: 53 mm × 53 mm
DOCUMENTS NEEDED
ADP2441 data sheet
UG-407
GENERAL DESCRIPTION
The ADP2441 evaluation board is a complete, dc-to-dc switch-
ing regulator design based on the ADP2441, a configurable, 1 A,
synchronous step-down, dc-to-dc regulator.
The ADP2441 is a synchronous, step-down dc-to-dc switching
regulator that uses a current mode pulse-width modulation
(PWM) control scheme at medium-to-heavy load currents for
high efficiency and smoothly transitions to a pulse skip mode
at light loads to conserve power. The power switch and
synchronous rectifier are integrated for minimal external part
count and high efficiency. The ADP2441 is optimized for
operation with small ferrite core inductors and ceramic
capacitors to deliver the maximum output power per square
millimeter of the PCB board area.
The ADP2441-EVALZ is available with 5 V at 1 A output,
switching frequency set to 500 kHz. If needed, the ADP2441
evaluation board configuration can be modified by changing
the values of the appropriate passive components.
Complete specifications for the ADP2441 device can be found
in the ADP2441 data sheet, which is available from Analog
Devices, Inc., and should be consulted in conjunction with this
user guide when using the evaluation board.
ADP2441-EVALZ
Figure 1.


Similar Part No. - ADP2441-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2441-EVALZ AD-ADP2441-EVALZ Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
More results

Similar Description - ADP2441-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2116 AD-ADP2116 Datasheet
2Mb / 36P
   Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
ADP2114 AD-ADP2114 Datasheet
2Mb / 40P
   Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Texas Instruments
AN-1876 TI-AN-1876 Datasheet
319Kb / 5P
[Old version datasheet]   The LM2841 is a PWM DC/DC buck (step-down) regulator.
AN-1908 TI-AN-1908 Datasheet
359Kb / 5P
[Old version datasheet]   The LM2842 is a PWM DC/DC buck (step-down) regulator.
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Analog Devices
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com