Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDG6322C Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDG6322C
Description  Dual N & P Channel Digital FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG6322C Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDG6322C Datasheet HTML 1Page - Fairchild Semiconductor FDG6322C Datasheet HTML 2Page - Fairchild Semiconductor FDG6322C Datasheet HTML 3Page - Fairchild Semiconductor FDG6322C Datasheet HTML 4Page - Fairchild Semiconductor FDG6322C Datasheet HTML 5Page - Fairchild Semiconductor FDG6322C Datasheet HTML 6Page - Fairchild Semiconductor FDG6322C Datasheet HTML 7Page - Fairchild Semiconductor FDG6322C Datasheet HTML 8Page - Fairchild Semiconductor FDG6322C Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics (continued)
SWITCHING CHARACTERISTICS (Note 2)
Symbol
Parameter
Conditions
Type
Min
Typ
Max
Units
t
D(on)
Turn - On Delay Time
N-Channel
N-Ch
5
10
nS
V
DD = 5 V, ID = 0.5 A,
P-Ch
7
15
t
r
Turn - On Rise Time
V
GS = 4.5 V, RGEN = 50
N-Ch
4.5
10
nS
P-Ch
8
16
t
D(off)
Turn - Off Delay Time
P-Channel
N-Ch
4
8
nS
V
DD = -5 V, ID = -0.5 A,
P-Ch
55
80
t
f
Turn - Off Fall Time
V
GS = -4.5 V, RGEN = 50
N-Ch
3.2
7
nS
P-Ch
35
60
Q
g
Total Gate Charge
N-Channel
N-Ch
0.29
0.4
nC
V
DS= 5 V, ID = 0.22 A,
P-Ch
1.1
1.5
Q
gs
Gate-Source Charge
V
GS = 4.5 V
N-Ch
0.12
nC
P- Channel
P-Ch
0.31
Q
gd
Gate-Drain Charge
V
DS = -5 V, ID = -0.41 A,
N-Ch
0.03
nC
V
GS = -4.5 V
P-Ch
0.29
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
I
S
Maximum Continuous Drain-Source Diode Forward Current
N-Ch
0.25
A
P-Ch
-0.25
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = 0.5 A
(Note 2)
N-Ch
0.8
1.2
V
V
GS = 0 V, IS = -0.5 A
(Note 2)
P-Ch
-0.85
-1.2
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed
by design while RθCA is determined by the user's board design. RθJA = 415
OC/W on minimum mounting pad on FR-4 board in still air.
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
FDG6322C Rev.F


Similar Part No. - FDG6322C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG6322C FAIRCHILD-FDG6322C Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
FDG6322C FAIRCHILD-FDG6322C_08 Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
More results

Similar Description - FDG6322C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6322C FAIRCHILD-FDC6322C Datasheet
96Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C_08 Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
FDG6321C FAIRCHILD-FDG6321C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDC6320C FAIRCHILD-FDC6320C Datasheet
100Kb / 7P
   Dual N & P Channel , Digital FET
FDG6320C FAIRCHILD-FDG6320C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDC6321C FAIRCHILD-FDC6321C Datasheet
273Kb / 11P
   Dual N & P Channel , Digital FET
FDG6302P FAIRCHILD-FDG6302P Datasheet
302Kb / 8P
   Dual P-Channel, Digital FET
FDC6304P FAIRCHILD-FDC6304P Datasheet
74Kb / 4P
   Digital FET, Dual P-Channel
FDG6318P FAIRCHILD-FDG6318P Datasheet
123Kb / 5P
   Dual P-Channel, Digital FET
FDG6318PZ FAIRCHILD-FDG6318PZ Datasheet
217Kb / 9P
   Dual P-Channel, Digital FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com