Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OR2C06A-2PS84I Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OR2C06A-2PS84I
Description  Field-Programmable Gate Arrays
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OR2C06A-2PS84I Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OR2C06A-2PS84I Datasheet HTML 1Page - List of Unclassifed Manufacturers OR2C06A-2PS84I Datasheet HTML 2Page - List of Unclassifed Manufacturers OR2C06A-2PS84I Datasheet HTML 3Page - List of Unclassifed Manufacturers OR2C06A-2PS84I Datasheet HTML 4Page - List of Unclassifed Manufacturers OR2C06A-2PS84I Datasheet HTML 5Page - List of Unclassifed Manufacturers OR2C06A-2PS84I Datasheet HTML 6Page - List of Unclassifed Manufacturers OR2C06A-2PS84I Datasheet HTML 7Page - List of Unclassifed Manufacturers OR2C06A-2PS84I Datasheet HTML 8Page - List of Unclassifed Manufacturers OR2C06A-2PS84I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 192 page
background image
ORCA
® Series 2
Field-Programmable Gate Arrays
Data Sheet
June 1999
Features
s
High-performance, cost-effective, low-power
0.35 µm CMOS technology (OR2CxxA), 0.3 µm CMOS
technology (OR2TxxA), and 0.25 µm CMOS technology
(OR2TxxB), (four-input look-up table (LUT) delay less
than 1.0 ns with -8 speed grade)
s
High density (up to 43,200 usable, logic-only gates; or
99,400 gates including RAM)
s
Up to 480 user I/Os (OR2TxxA and OR2TxxB I/Os are
5 V tolerant to allow interconnection to both 3.3 V and
5 V devices, selectable on a per-pin basis)
s
Four 16-bit look-up tables and four latches/flip-flops per
PFU, nibble-oriented for implementing 4-, 8-, 16-, and/or
32-bit (or wider) bus structures
s
Eight 3-state buffers per PFU for on-chip bus structures
s
Fast, on-chip user SRAM has features to simplify RAM
design and increase RAM speed:
— Asynchronous single port: 64 bits/PFU
— Synchronous single port: 64 bits/PFU
— Synchronous dual port: 32 bits/PFU
s
Improved ability to combine PFUs to create larger RAM
structures using write-port enable and 3-state buffers
s
Fast, dense multipliers can be created with the multiplier
mode (4 x 1 multiplier/PFU):
— 8 x 8 multiplier requires only 16 PFUs
— 30% increase in speed
s
Flip-flop/latch options to allow programmable priority of
synchronous set/reset vs. clock enable
s
Enhanced cascadable nibble-wide data path
capabilities for adders, subtractors, counters, multipliers,
and comparators including internal fast-carry operation
s
Innovative, abundant, and hierarchical nibble-
oriented routing resources that allow automatic use of
internal gates for all device densities without sacrificing
performance
s
Upward bit stream compatible with the
ORCA ATT2Cxx/
ATT2Txx series of devices
s
Pinout-compatible with new
ORCA Series 3 FPGAs
s
TTL or CMOS input levels programmable per pin for the
OR2CxxA (5 V) devices
s
Individually programmable drive capability:
12 mA sink/6 mA source or 6 mA sink/3 mA source
s
Built-in boundary scan (
IEEE*1149.1 JTAG) and
3-state all I/O pins, (TS_ALL) testability functions
s
Multiple configuration options, including simple, low pin-
count serial ROMs, and peripheral or JTAG modes for in-
system programming (ISP)
s
Full PCI bus compliance for all devices
s
Supported by industry-standard CAE tools for design
entry, synthesis, and simulation with
ORCA Foundry
Development System support (for back-end implementa-
tion)
s
New, added features (OR2TxxB) have:
— More I/O per package than the OR2TxxA family
— No dedicated 5 V supply (VDD5)
— Faster configuration speed (40 MHz)
— Pin selectable I/O clamping diodes provide 5V or 3.3V
PCI compliance and 5V tolerance
— Full PCI bus compliance in both 5V and 3.3V PCI sys-
tems
*
IEEE is a registered trademark of The Institute of Electrical and
Electronics Engineers, Inc.
Table 1
. ORCA Series 2 FPGAs
* The first number in the usable gates column assumes 48 gates per PFU (12 gates per four-input LUT/FF pair) for logic-only designs. The
second number assumes 30% of a design is RAM. PFUs used as RAM are counted at four gates per bit, with each PFU capable of
implementing a 16 x 4 RAM (or 256 gates) per PFU.
Device
Usable
Gates*
# LUTs
Registers
Max User
RAM Bits
User
I/Os
Array Size
OR2C04A/OR2T04A
4,800—11,000
400
400
6,400
160
10 x 10
OR2C06A/OR2T06A
6,900—15,900
576
576
9,216
192
12 x 12
OR2C08A/OR2T08A
9,400—21,600
784
724
12,544
224
14 x 14
OR2C10A/OR2T10A
12,300—28,300
1024
1024
16,384
256
16 x 16
OR2C12A/OR2T12A
15,600—35,800
1296
1296
20,736
288
18 x 18
OR2C15A/OR2T15A/OR2T15B
19,200—44,200
1600
1600
25,600
320
20 x 20
OR2C26A/OR2T26A
27,600—63,600
2304
2304
36,864
384
24 x 24
OR2C40A/OR2T40A/OR2T40B
43,200—99,400
3600
3600
57,600
480
30 x 30


Similar Part No. - OR2C06A-2PS84I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
OR2C06A LATTICE-OR2C06A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
More results

Similar Description - OR2C06A-2PS84I

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
   Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
   Field Programmable Gate Arrays
logo
Agere Systems
OR4E2 AGERE-OR4E2 Datasheet
3Mb / 124P
   Field-Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
   Field-Programmable Gate Arrays
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
   Field-Programmable Gate Arrays
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
[Old version datasheet]   CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
   Coprocessor Field Programmable Gate Arrays
logo
Xilinx, Inc
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
   Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
   XC4000XLA/XV Field Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com