Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP061-4M10 Datasheet(PDF) 7 Page - STMicroelectronics

Part # HSP061-4M10
Description  4-line ESD protection for high speed lines
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP061-4M10 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HSP061-4M10 Datasheet HTML 3Page - STMicroelectronics HSP061-4M10 Datasheet HTML 4Page - STMicroelectronics HSP061-4M10 Datasheet HTML 5Page - STMicroelectronics HSP061-4M10 Datasheet HTML 6Page - STMicroelectronics HSP061-4M10 Datasheet HTML 7Page - STMicroelectronics HSP061-4M10 Datasheet HTML 8Page - STMicroelectronics HSP061-4M10 Datasheet HTML 9Page - STMicroelectronics HSP061-4M10 Datasheet HTML 10Page - STMicroelectronics HSP061-4M10 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HSP061-4M10
Recommendation on PCB assembly
Doc ID 023716 Rev 2
7/11
4
Recommendation on PCB assembly
Figure 12.
Recommended stencil window position
4.1
Solder paste
1.
Use halide-free flux, qualification ROL0 according to ANSI/J-STD-004.
2.
“No clean” solder paste recommended.
3.
Offers a high tack force to resist component displacement during PCB movement.
4.
Use solder paste with fine particles: powder particle size 20-45 µm.
Stencil window
Footprint
Copper
Thickness:
100 µm
200 µm
190 µm
15 µm
15 µm
5 µm
5 µm
15 µm
15 µm
400 µm
380 µm
10 µm
10 µm


Similar Part No. - HSP061-4M10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-4M10Y STMICROELECTRONICS-HSP061-4M10Y Datasheet
380Kb / 11P
   Automotive 4-line ESD protection for high speed lines
More results

Similar Description - HSP061-4M10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP051-4M10 STMICROELECTRONICS-HSP051-4M10 Datasheet
566Kb / 12P
   4-line ESD protection for high speed lines
November 2014 Rev 4
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8_13 Datasheet
353Kb / 9P
   4-line ESD protection for high speed lines
HSP051-4N10 STMICROELECTRONICS-HSP051-4N10 Datasheet
1Mb / 11P
   4-line ESD protection for high speed lines
July 2014 Rev1
HSP061-4F4 STMICROELECTRONICS-HSP061-4F4 Datasheet
194Kb / 7P
   4-line ESD protection for high speed lines
October 2013 Rev 2
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8 Datasheet
206Kb / 10P
   4-line ESD protection for high speed lines
HSP051-4M5 STMICROELECTRONICS-HSP051-4M5 Datasheet
2Mb / 15P
   4-line ESD protection for high speed lines
Rev 4 - November 2022
HSP061-4M10Y STMICROELECTRONICS-HSP061-4M10Y Datasheet
380Kb / 11P
   Automotive 4-line ESD protection for high speed lines
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
   2-line ESD protection for high speed lines
HSP062-2 STMICROELECTRONICS-HSP062-2 Datasheet
216Kb / 11P
   2-line ESD protection for high speed lines
HSP061-8M16 STMICROELECTRONICS-HSP061-8M16 Datasheet
185Kb / 10P
   8-line ESD protection for high speed lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com