Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP061-4NY8 Datasheet(PDF) 2 Page - STMicroelectronics

Part # HSP061-4NY8
Description  4-line ESD protection for high speed lines
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP061-4NY8 Datasheet(HTML) 2 Page - STMicroelectronics

  HSP061-4NY8_13 Datasheet HTML 1Page - STMicroelectronics HSP061-4NY8_13 Datasheet HTML 2Page - STMicroelectronics HSP061-4NY8_13 Datasheet HTML 3Page - STMicroelectronics HSP061-4NY8_13 Datasheet HTML 4Page - STMicroelectronics HSP061-4NY8_13 Datasheet HTML 5Page - STMicroelectronics HSP061-4NY8_13 Datasheet HTML 6Page - STMicroelectronics HSP061-4NY8_13 Datasheet HTML 7Page - STMicroelectronics HSP061-4NY8_13 Datasheet HTML 8Page - STMicroelectronics HSP061-4NY8_13 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
HSP061-4NY8
2/9
Doc ID 17414 Rev 5
1
Characteristics
Table 1. Absolute maximum ratings Tamb = 25 °C
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
IEC 61000-4-2 contact discharge
IEC 61000-4-2 air discharge
8
20
kV
Ipp
Repetitive peak pulse current (8/20 µs)
3
A
Tj
Operating junction temperature range
-40 to +150
°C
Tstg
Storage temperature range
-65 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Table 2. Electrical characteristics Tamb = 25 °C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBR
Breakdown voltage
IR = 1 mA
6
V
IRM
Leakage current
VRM = 3 V
100
nA
VCL
Clamping voltage
IEC 61000-4-2, +8 kV
contact (IPP = 30 A),
measured at 30 ns
18
V
CI/O - GND
Capacitance (input/output to
ground)
VI/O = 0 V,
F = (200 MHz - 3000 MHz),
VOSC = 30 mV
0.5
0.6
pF
C
I/O - GND
Capacitance variation
(input/output to ground)
VI/O = 0 V F = 1 MHz,
VOSC = 30 mV
0.03
0.05
pF
fC
Cut-off frequency
-3dB
6
GHz
ZDiff
Differential impedance
tr = 200 ps (10 - 90%)
(1)
Z0 Diff = 100 
85
100
115
1. HDMI specification conditions. This information can be provided for other applications. Please contact your
local ST office.


Similar Part No. - HSP061-4NY8_13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8 Datasheet
206Kb / 10P
   4-line ESD protection for high speed lines
More results

Similar Description - HSP061-4NY8_13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-4M10 STMICROELECTRONICS-HSP061-4M10 Datasheet
182Kb / 11P
   4-line ESD protection for high speed lines
HSP051-4M10 STMICROELECTRONICS-HSP051-4M10 Datasheet
566Kb / 12P
   4-line ESD protection for high speed lines
November 2014 Rev 4
HSP051-4N10 STMICROELECTRONICS-HSP051-4N10 Datasheet
1Mb / 11P
   4-line ESD protection for high speed lines
July 2014 Rev1
HSP061-4F4 STMICROELECTRONICS-HSP061-4F4 Datasheet
194Kb / 7P
   4-line ESD protection for high speed lines
October 2013 Rev 2
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8 Datasheet
206Kb / 10P
   4-line ESD protection for high speed lines
HSP051-4M5 STMICROELECTRONICS-HSP051-4M5 Datasheet
2Mb / 15P
   4-line ESD protection for high speed lines
Rev 4 - November 2022
HSP061-4M10Y STMICROELECTRONICS-HSP061-4M10Y Datasheet
380Kb / 11P
   Automotive 4-line ESD protection for high speed lines
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
   2-line ESD protection for high speed lines
HSP062-2 STMICROELECTRONICS-HSP062-2 Datasheet
216Kb / 11P
   2-line ESD protection for high speed lines
HSP061-8M16 STMICROELECTRONICS-HSP061-8M16 Datasheet
185Kb / 10P
   8-line ESD protection for high speed lines
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com