Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16MS747MEFC5X7 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 16MS747MEFC5X7
Description  85??7mm Height.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

16MS747MEFC5X7 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  16MS747MEFC5X7 Datasheet HTML 1Page - RUBYCON CORPORATION 16MS747MEFC5X7 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
MS7
WV
(V.DC)
Cap
(μF)
WV
(V.DC)
Cap
(μF)
◆DIMENSIONS
(mm)
φD
φd
F
0.45
4
1.5
5
2.0
6.3
8
2.5
3.5
◆STANDARD SIZE
Size φD×L(mm), Ripple Current (mA r.m.s./85℃, 120Hz)
4
(0G)
Size
Ripple
6.3
(0J)
Size
Ripple
10
(1A)
Size
Ripple
16
(1C)
Size
Ripple
10
22
33
47
100
220
330
470
4×7
28
4×7
42
4×7
38
4×7
46
5×7
62
5×7
73
6.3×7
110
8×7
145
5×7
66
6.3×7
99
8×7
165
8×7
210
4×7
42
4×7
50
5×7
87
6.3×7
133
8×7
180
4×7
34
8×7
165
4×7
33
4×7
39
5×7
65
6.3×7
110
8×7
190
25
(1E)
Size
Ripple
35
(1V)
Size
Ripple
50
(1H)
Size
Ripple
63
(1J)
Size
Ripple
1
2.2
3.3
4.7
10
22
33
47
100
4×7
12
4×7
16
5×7
24
12
16
19
6.3×7
33
4×7
4×7
4×7
4×7
24
5×7
42
6.3×7
64
8×7
75
8×7
85
6.3×7
45
4×7
21
4×7
31
5×7
55
6.3×7
66
6.3×7
80
8×7
115
4×7
18
4×7
22
5×7
32
6.3×7
60
6.3×7
73
8×7
95
8×7
115
L+1MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE
(PET)


Similar Part No. - 16MS747MEFC5X7

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
16MS710MEFC4X7 RUBYCON-16MS710MEFC4X7 Datasheet
184Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 16MS747MEFC5X7

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
25MS747MEFC6.3X7 RUBYCON-25MS747MEFC6.3X7 Datasheet
235Kb / 2P
   85??7mm Height.
logo
Illinois Capacitor, Inc...
PGM ILLINOISCAPACITOR-PGM Datasheet
209Kb / 2P
   Small size ??7mm Height
logo
Lite-On Technology Corp...
LTD-2701JD LITEON-LTD-2701JD Datasheet
104Kb / 5P
   0.28 inch (7mm) DIGIT HEIGHT
logo
Illinois Capacitor, Inc...
PBM ILLINOISCAPACITOR-PBM Datasheet
194Kb / 2P
   Non/Bi-polar ??7mm Height
logo
Panasonic Semiconductor
ECE-A1CKG100 PANASONIC-ECE-A1CKG100 Datasheet
607Kb / 3P
   7mm height miniature size/105
logo
Illinois Capacitor, Inc...
104PGM050M ILLINOISCAPACITOR-104PGM050M_16 Datasheet
214Kb / 2P
   7mm Height, General Purpose, 1000 hours
475PUM050M ILLINOISCAPACITOR-475PUM050M_16 Datasheet
201Kb / 2P
   7mm Height, General Purpose, 1000 hours
logo
MERITEK ELECTRONICS COR...
MI MERITEK-MI Datasheet
924Kb / 6P
   For general purposes series with 7mm height
logo
Taoglas antenna solutio...
PC27.09.0100A TAOGLAS-PC27.09.0100A Datasheet
1Mb / 12P
   34mm-7mm-0.8mm
logo
Pasternack Enterprises,...
PE9816 PASTERNACK-PE9816 Datasheet
74Kb / 1P
   WAVEGUIDE TO 7mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com