Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVP4525E6TC Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZVP4525E6TC
Description  250V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZVP4525E6TC Datasheet(HTML) 8 Page - Diodes Incorporated

  ZVP4525E6TC Datasheet HTML 1Page - Diodes Incorporated ZVP4525E6TC Datasheet HTML 2Page - Diodes Incorporated ZVP4525E6TC Datasheet HTML 3Page - Diodes Incorporated ZVP4525E6TC Datasheet HTML 4Page - Diodes Incorporated ZVP4525E6TC Datasheet HTML 5Page - Diodes Incorporated ZVP4525E6TC Datasheet HTML 6Page - Diodes Incorporated ZVP4525E6TC Datasheet HTML 7Page - Diodes Incorporated ZVP4525E6TC Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ISSUE 1 - MARCH 2001
ZVP4525E6
8
PACKAGE DIMENSIONS
A1
2
L
DATUM A
a
C
E
AA2
E1
D
b
e
e1
PAD LAYOUT DETAILS
DIM
Millimetres
Inches
Min
Max
Min
Max
A
0.90
1.45
0.35
0.057
A1
0.00
0.15
0
0.006
A2
0.90
1.30
0.035
0.051
b
0.35
0.50
0.014
0.019
C
0.09
0.20
0.0035
0.008
D
2.80
3.00
0.110
0.118
E
2.60
3.00
0.102
0.118
E1
1.50
1.75
0.059
0.069
L
0.10
0.60
0.004
0.002
e
0.95 REF
0.037 REF
e1
1.90 REF
0.074 REF
L
10°
10°
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries)
Fax: (44)161 622 4420
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
47 Mall Drive, Unit 4
3701-04 Metroplaza, Tower 1
agents and distributors in
D-81673 München
Commack NY 11725
Hing Fong Road,
major countries world-wide
Germany
USA
Kwai Fong, Hong Kong
© Zetex plc 2000
Telefon: (49) 89 45 49 49 0
Telephone: (631) 543-7100
Telephone:(852) 26100 611
Fax: (49) 89 45 49 49 49
Fax: (631) 864-7630
Fax: (852) 24250 494
www.zetex.com
Ths publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for
any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves
the right to alter without notice the specification, design, price or conditions of supply of any product or service.


Similar Part No. - ZVP4525E6TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVP4525E6TC DIODES-ZVP4525E6TC Datasheet
318Kb / 7P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZVP4525E6TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVP4525Z DIODES-ZVP4525Z_15 Datasheet
143Kb / 9P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZVP4525Z ZETEX-ZVP4525Z Datasheet
399Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP25H18DLFDE DIODES-DMP25H18DLFDE_15 Datasheet
252Kb / 7P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525E6 DIODES-ZVP4525E6 Datasheet
417Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525G DIODES-ZVP4525G Datasheet
329Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525Z DIODES-ZVP4525Z Datasheet
143Kb / 9P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525E6 DIODES-ZVP4525E6_15 Datasheet
318Kb / 7P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
ZVP4525G DIODES-ZVP4525G_15 Datasheet
876Kb / 7P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZVP4525G ZETEX-ZVP4525G Datasheet
399Kb / 8P
   250V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Guangdong Kexin Industr...
KVP4424Z KEXIN-KVP4424Z Datasheet
47Kb / 2P
   250V P-Channel Enhancement Mode Vertical MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com