Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDN336 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDN336
Description  Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN336 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDN336 Datasheet HTML 1Page - Fairchild Semiconductor FDN336 Datasheet HTML 2Page - Fairchild Semiconductor FDN336 Datasheet HTML 3Page - Fairchild Semiconductor FDN336 Datasheet HTML 4Page - Fairchild Semiconductor FDN336 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TRADEMARKS
ACEx™
CoolFET™
CROSSVOLT™
E2CMOSTM
FACT™
FACT Quiet Series™
FAST
®
FASTr™
GTO™
HiSeC™
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is
not intended to be an exhaustive list of all such trademarks.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein:
ISOPLANAR™
MICROWIRE™
POP™
PowerTrench™
QS™
Quite Series™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
TinyLogic™
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, or (c) whose
failure to perform when properly used in accordance
with instructions for use provided in the labeling, can be
reasonably expected to result in significant injury to the
user.
2. A critical component is any component of a life
support device or system whose failure to perform can
be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or
effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
Datasheet Identification
Product Status
Definition
Advance Information
Preliminary
No Identification Needed
Obsolete
This datasheet contains the design specifications for
product development. Specifications may change in
any manner without notice.
This datasheet contains preliminary data, and
supplementary data will be published at a later date.
Fairchild Semiconductor reserves the right to make
changes at any time without notice in order to improve
design.
This datasheet contains final specifications. Fairchild
Semiconductor reserves the right to make changes at
any time without notice in order to improve design.
This datasheet contains specifications on a product
that has been discontinued by Fairchild semiconductor.
The data sheet is printed for reference information only.
Formative or
In Design
First Production
Full Production
Not In Production
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER
NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD
DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT
OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT
RIGHTS, NOR THE RIGHTS OF OTHERS.


Similar Part No. - FDN336

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
FDN336 UMW-FDN336 Datasheet
399Kb / 5P
   P-Channel 2.5 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDN336P FAIRCHILD-FDN336P Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
FDN336P KEXIN-FDN336P Datasheet
131Kb / 4P
   P-Channel Enhancement MOSFET
logo
TECH PUBLIC Electronics...
FDN336P TECHPUBLIC-FDN336P Datasheet
1Mb / 4P
   P-Channel Mosfet
logo
VBsemi Electronics Co.,...
FDN336P-NL VBSEMI-FDN336P-NL Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - FDN336

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6375 FAIRCHILD-FDS6375 Datasheet
194Kb / 8P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC638P FAIRCHILD-FDC638P Datasheet
240Kb / 9P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6576 FAIRCHILD-FDS6576 Datasheet
607Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
USB10P FAIRCHILD-USB10P Datasheet
279Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDR838P FAIRCHILD-FDR838P Datasheet
204Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6875 FAIRCHILD-FDS6875 Datasheet
194Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ202P FAIRCHILD-FDZ202P Datasheet
35Kb / 4P
   P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDC637AN FAIRCHILD-FDC637AN Datasheet
240Kb / 8P
   Single N-Channel, 2.5V Specified PowerTrenchTM MOSFET
FDC6327C FAIRCHILD-FDC6327C Datasheet
323Kb / 12P
   Dual N & P-Channel 2.5V Specified PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com