Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V0603MHS03N Datasheet(PDF) 2 Page - Littelfuse

Part # V0603MHS03N
Description  Surface Mount Multilayer Varistors (MLVs)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V0603MHS03N Datasheet(HTML) 2 Page - Littelfuse

  V0603MHS03N Datasheet HTML 1Page - Littelfuse V0603MHS03N Datasheet HTML 2Page - Littelfuse V0603MHS03N Datasheet HTML 3Page - Littelfuse V0603MHS03N Datasheet HTML 4Page - Littelfuse V0603MHS03N Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Varistor Products
©2011 Littelfuse, Inc.
Revision: November 29, 2011
MHS Varistor Series
Surface Mount Multilayer Varistors (MLVs) > MHS Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/MHS.html for current information.
Device Ratings and Specifications
Part
Number
Performance Specifications (25 ºC)
Maximum
Clamping
Voltage At
1A (8X20
μs)
Maximum ESD Clamp
Voltage (Note 1)
Typical Leakage
Current at Specified
DC Voltage
Typical
Capacitance at
1MHz (1V p-p)
Typical
Inductance
(from Impedance
Analysis)
8kV Contact (Note 2)
15kV AIR (Note 3)
3.5V
5.5V
C (Note 4)
L
Clamp
Clamp
P
I
L
MIN
MAX
(V
c)
(V)
(V)
(
μA)
(
μA)
(pF)
(pF)
(nH)
<300
<400
1.00
2
<1.0
<300
<400
1.00
1
6
<1.0
<160
1.00
8
16
<1.0
<160
1.00
8
16
<1.0
30
<160
1.00
29
<1.0
30
<100
1.00
29
<1.0
2. Direct discharge to device terminals (IEC preferred test method).
3. Corona discharge through air (represents actual ESD event).
peak surge current and energy ratings must be reduced as
shown below.
Peak Current and Energy Derating Curve
60
10
1
Number of Pulses
10
100
1000
10000
20
30
40
50
V0402MHS03
V0402MHS12
V0603MHS03
V0603MHS12
0
V0402MHS22
V0603MHS22
Nominal Voltage Stability to Multiple ESD Impulses
(8kV Contact Discharges per IEC 61000-4-2)
Standby Current at Normalized Varistor Voltage and
Temperature
Insertion Loss (S21) Characteristics
1.2
0.0
0.0001
25
0.001
0.01
0.1
1
CURRENT (mA)
1.0
0.8
0.6
0.4
0.2
85
125
O
O
O
100
80
60
40
20
0
-55
50
60
70
80
90 100 110 120 130 140 150
AMBIENTTEMPERATURE ( oC)
-30
FREQUENCY (MHz)
10
100
1000
10000
-20
-10
0
V0402MHS22
V0603MHS22
V0402MHS12
V0402MHS03
V0603MHS12
V0603MHS03
Figure 1
Figure 2
Figure 3
Figure 4


Similar Part No. - V0603MHS03N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V0603MHS03N LITTELFUSE-V0603MHS03N Datasheet
221Kb / 5P
   Surface Mount Multilayer Varistors
V0603MHS03N LITTELFUSE-V0603MHS03N Datasheet
416Kb / 5P
   Surface Mount Multilayer Varistors (MLVs)
V0603MHS03N LITTELFUSE-V0603MHS03N Datasheet
836Kb / 5P
   Surface Mount Multilayer Varistors (MLVs) > MHS Series
V0603MHS03N LITTELFUSE-V0603MHS03N Datasheet
836Kb / 5P
   Surface Mount Multilayer Varistors (MLVs) > MHS Series
V0603MHS03N LITTELFUSE-V0603MHS03N Datasheet
836Kb / 5P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MHS Series
More results

Similar Description - V0603MHS03N

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V5.5MLA0402NR LITTELFUSE-V5.5MLA0402NR Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V30MLA0603H LITTELFUSE-V30MLA0603H Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V56MLA1206H LITTELFUSE-V56MLA1206H Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V5.5MLA020133NR LITTELFUSE-V5.5MLA020133NR Datasheet
380Kb / 3P
   Surface Mount Multilayer Varistors (MLVs)
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N_10 Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V5.5MLA0603LNR LITTELFUSE-V5.5MLA0603LNR Datasheet
729Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V0402MHS03N LITTELFUSE-V0402MHS03N_10 Datasheet
416Kb / 5P
   Surface Mount Multilayer Varistors (MLVs)
V14MLA0805LH LITTELFUSE-V14MLA0805LH Datasheet
875Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V18MLE0805A LITTELFUSE-V18MLE0805A Datasheet
248Kb / 6P
   Surface Mount Multilayer Varistors (MLVs) MLE Series
V18AUMLA1812H LITTELFUSE-V18AUMLA1812H Datasheet
666Kb / 7P
   Surface Mount Multilayer Varistors (MLVs) > AUML Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com