Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470R1B1M Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS470R1B1M
Description  16/32-Bit RISC Flash Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470R1B1M Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS470R1B1M_12 Datasheet HTML 5Page - Texas Instruments TMS470R1B1M_12 Datasheet HTML 6Page - Texas Instruments TMS470R1B1M_12 Datasheet HTML 7Page - Texas Instruments TMS470R1B1M_12 Datasheet HTML 8Page - Texas Instruments TMS470R1B1M_12 Datasheet HTML 9Page - Texas Instruments TMS470R1B1M_12 Datasheet HTML 10Page - Texas Instruments TMS470R1B1M_12 Datasheet HTML 11Page - Texas Instruments TMS470R1B1M_12 Datasheet HTML 12Page - Texas Instruments TMS470R1B1M_12 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
www.ti.com
TMS470R1B1M
16/32-Bit RISC Flash Microcontroller
SPNS109A – SEPTEMBER 2005 – REVISED AUGUST 2006
Table 2. Terminal Functions (continued)
TERMINAL
INTERNAL
CURRENT
TYPE(1)(2)
PULLUP/
DESCRIPTION
OUTPUT
NAME
NO.
PULLDOWN(3)
GIOD[0]/EBADDR[0]
42
GIOD[1]/EBADDR[1]
39
GIOD[2]/EBADDR[2]
35
GIOD[3]/EBADDR[3]
30
GIOD[4]/EBADDR[4]
27
GIOD[5]/EBADDR[5]
23
GIOE[0]/EBDATA[0]
44
GIOE[1]/EBDATA[1]
47
GIOE[2]/EBDATA[2]
58
GIOE[3]/EBDATA[3]
61
GIOE[4]/EBDATA[4]
64
GIOE[5]/EBDATA[5]
67
GIOE[6]/EBDATA[6]
70
GIOE[7]/EBDATA[7]
77
GIOF[0]/INT[8]/
80
EBADDR[6]/EBDATA[8]
GIOF[1]/INT[9]/
82
EBADDR[7]/EBDATA[9]
GIOF[2]/INT[10]/
89
EBADDR[8]/EBDATA[10]
GIOF[3]/INT[11]/
90
GIOB[0], GIOC[4:0], GIOD[5:0], GIOE[7:0:], GIOF[7:0],
EBADDR[9]/EBDATA[11]
GIOG[7:0], and GIOH[5,0] are multiplexed with the
GIOF[4]/INT[12]/
93
expansion bus module.
3.3 V
2 mA -z
IPD (20 µA)
EBADDR[10]/EBDATA[12]
GIOF[7:0]/INT[15:8] are interrupt-capable pins.
GIOF[5]/INT[13]/
96
See Table 7.
EBADDR[11]/EBDATA[13]
GIOF[6]/INT[14]/
99
EBADDR[12]/EBDATA[14]
GIOF[7]/INT[15]/
100
EBADDR[13]/EBDATA[15]
GIOG[0]/EBADDR[14]/
20
EBADDR[6]
GIOG[1]/EBADDR[15]/
10
EBADDR[7]
GIOG[2]/EBADDR[16]/
8
EBADDR[8]
GIOG[3]/EBADDR[17]/
6
EBADDR[9]
GIOG[4]/EBADDR[18]/
3
EBADDR[10]
GIOG[5]/EBADDR[19]/
143
EBADDR[11]
GIOG[6]/EBADDR[20]/EB
142
ADDR[12]
GIOG[7]/EBADDR[21]/
140
EBADDR[13]
GIOH[0]/EBADDR[22]/
139
EBADDR[14]
GIOH[5]/EBHOLD
125
9
Submit Documentation Feedback


Similar Part No. - TMS470R1B1M_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS470R1B1M_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B1M TI-TMS470R1B1M Datasheet
516Kb / 57P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A256 TI1-TMS470R1A256_09 Datasheet
490Kb / 48P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS570LS20216 TI1-TMS570LS20216_15 Datasheet
1Mb / 106P
[Old version datasheet]   16/32-BIT RISC Flash Microcontroller
TMS470R1B768 TI-TMS470R1B768_07 Datasheet
482Kb / 50P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B512 TI-TMS470R1B512 Datasheet
432Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com