Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1252CDR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1252CDR2G
Description  Current Mode PWM Controller for Forward and Flyback Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1252CDR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1252CDR2G Datasheet HTML 1Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 2Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 3Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 4Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 5Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 6Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 7Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 8Page - ON Semiconductor NCP1252CDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NCP1252
http://onsemi.com
5
Table 3. ELECTRICAL CHARATERISTICS
(VCC = 15 V, RT = 43 kW, CDRV = 1 nF. For typical values TJ = 25°C, for min/max values TJ = –25°C to +125°C, unless otherwise noted)
Characteristics
Unit
Max
Typ
Min
Symbol
Test Condition
DRIVE OUTPUT
Clamping voltage (maximum gate voltage)
VCC = 25 V
RDRV = 47 kW, CDRV = 1 nF
VCL
15
18
V
High−state voltage drop
VCC = VCC(min) + 100 mV, RDRV
= 47 kW, CDRV = 1 nF
VDRV(clamp)
50
500
mV
CYCLE SKIP
Skip cycle level
Vskip
0.2
0.3
0.4
V
Skip threshold Reset
Vskip(reset)
Vskip+
Vskip(HY
S)
V
Skip threshold Hysteresis
Vskip(HYS)
25
mV
SOFT START
Soft−start charge current
SS pin = GND
ISS
8.8
10
11
mA
Soft start completion voltage threshold
VSS
3.5
4.0
4.5
V
Internal delay before starting the Soft start when
VCC(on) is reached
SSdelay
100
120
155
ms
PROTECTION
Current sense fault voltage level triggering the
timer
FCS
0.9
1
1.1
V
Timer delay before latching a fault (overload or
short circuit)
When CS pin > FCS
Tfault
10
15
20
ms
Brown−out voltage
VBO
0.974
1
1.026
V
Internal current source generating the Brown−out
hysteresis
−5°C ≤ TJ ≤ +125°C
−25°C ≤ TJ ≤ +125°C
IBO
8.8
8.6
10
10
11.2
11.2
mA
3. Guaranteed by design
4. Vramp, Rramp Guaranteed by design
TYPICAL CHARACTERISTICS
Figure 3. Supply Voltage Threshold vs.
Junction Temperature
Figure 4. Supply Voltage Hysteresis vs.
Junction Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
100
80
60
40
20
0
−20
−40
8.8
9.0
9.2
9.4
9.6
9.8
10.0
10.2
100
80
60
40
20
0
−20
−40
0.90
0.95
1.00
1.05
1.10
1.15
1.20
120
VCC(on)
VCC(off)
120


Similar Part No. - NCP1252CDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1252CDR2G ONSEMI-NCP1252CDR2G Datasheet
191Kb / 20P
   Current Mode PWM Controller for Forward and Flyback Applications
January, 2016 ??Rev. 7
NCP1252CDR2G ONSEMI-NCP1252CDR2G Datasheet
377Kb / 22P
   Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
More results

Similar Description - NCP1252CDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1252 ONSEMI-NCP1252_V01 Datasheet
377Kb / 22P
   Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
NCP1252 ONSEMI-NCP1252_16 Datasheet
191Kb / 20P
   Current Mode PWM Controller for Forward and Flyback Applications
January, 2016 ??Rev. 7
NCP1212 ONSEMI-NCP1212_05 Datasheet
208Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
September, 2005 ??Rev. 3
NCP1212 ONSEMI-NCP1212 Datasheet
200Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
October, 2004 ??Rev. 2
NCP1294 ONSEMI-NCP1294 Datasheet
233Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
NCP1294 ONSEMI-NCP1294_V01 Datasheet
314Kb / 14P
   Flyback, Boost, Forward PWM Controller
August, 2021 - Rev. 1
NCP1294EDR2G ONSEMI-NCP1294EDR2G Datasheet
210Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
logo
Monolithic Power System...
EV3910-K-00A MPS-EV3910-K-00A Datasheet
449Kb / 9P
   Peak Current Mode PWM Controller Flyback EV Board
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com