Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1252APG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1252APG
Description  Current Mode PWM Controller for Forward and Flyback Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1252APG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1252APG Datasheet HTML 1Page - ON Semiconductor NCP1252APG Datasheet HTML 2Page - ON Semiconductor NCP1252APG Datasheet HTML 3Page - ON Semiconductor NCP1252APG Datasheet HTML 4Page - ON Semiconductor NCP1252APG Datasheet HTML 5Page - ON Semiconductor NCP1252APG Datasheet HTML 6Page - ON Semiconductor NCP1252APG Datasheet HTML 7Page - ON Semiconductor NCP1252APG Datasheet HTML 8Page - ON Semiconductor NCP1252APG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
NCP1252
http://onsemi.com
2
Vout
NCP1252
Vbulk
Vcc
1
2
3
4
8
6
7
5
100 nF*
*Minimum recommended
decoupling capacitor value
Figure 1. Typical Application
Table 1. PIN FUNCTIONS
Pin No.
Pin Name
Function
Pin Description
1
FB
Feedback
This pin directly connects to an optocoupler collector.
2
BO
Brown−out input
This pin monitors the input voltage image to offer a Brown−out protection.
3
CS
Current sense
Monitors the primary current and allows the selection of the ramp com-
pensation amplitude.
4
RT
Timing element
A resistor connected to ground fixes the switching frequency.
5
GND
The controller ground pin.
6
Drv
Driver
This pin connects to the MOSFET gate
7
VCC
VCC
This pin accepts voltage range from 8 V up to 28 V
8
SSTART
Soft−start
A capacitor connected to ground selects the soft−start duration. The soft
start is grounded during the delay timer
Table 2. MAXIMUM RATINGS TABLE (Notes 1 and 2)
Symbol
Rating
Value
Unit
VCC
Power Supply voltage, Vcc pin, transient voltage: 10 ms with IVcc < 20 mA
30
V
VCC
Power Supply voltage, Vcc pin, continuous voltage
28
V
IVcc
Maximum current injected into pin 7
20
mA
Maximum voltage on low power pins (except pin 6, 7)
−0.3 to 10
V
RθJA – PDIP8
Thermal Resistance Junction−to−Air – PDIP8
131
°C/W
RθJA – SOIC8
Thermal Resistance Junction−to−Air – SOIC8
169
°C/W
TJMAX
Maximum Junction Temperature
150
°C
Storage Temperature Range
−60 to +150
°C
ESD Capability, HBM model
1.8
kV
ESD Capability, Machine Model
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests: Human Body Model 1800 V per JEDEC Standard
JESD22−A114E. Machine Model Method 200 V per JEDEC Standard JESD22−A115A.
2. This device contains latch−up protection and exceeds 100 mA per JEDEC Standard JESD78.


Similar Part No. - NCP1252APG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1252APG ONSEMI-NCP1252APG Datasheet
191Kb / 20P
   Current Mode PWM Controller for Forward and Flyback Applications
January, 2016 ??Rev. 7
NCP1252APG ONSEMI-NCP1252APG Datasheet
377Kb / 22P
   Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
More results

Similar Description - NCP1252APG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1252 ONSEMI-NCP1252_V01 Datasheet
377Kb / 22P
   Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
NCP1252 ONSEMI-NCP1252_16 Datasheet
191Kb / 20P
   Current Mode PWM Controller for Forward and Flyback Applications
January, 2016 ??Rev. 7
NCP1212 ONSEMI-NCP1212_05 Datasheet
208Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
September, 2005 ??Rev. 3
NCP1212 ONSEMI-NCP1212 Datasheet
200Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
October, 2004 ??Rev. 2
NCP1294 ONSEMI-NCP1294 Datasheet
233Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
NCP1294 ONSEMI-NCP1294_V01 Datasheet
314Kb / 14P
   Flyback, Boost, Forward PWM Controller
August, 2021 - Rev. 1
NCP1294EDR2G ONSEMI-NCP1294EDR2G Datasheet
210Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
logo
Monolithic Power System...
EV3910-K-00A MPS-EV3910-K-00A Datasheet
449Kb / 9P
   Peak Current Mode PWM Controller Flyback EV Board
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com