Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1595CMNTWG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1595CMNTWG
Description  1 MHz, 1.5 A Synchronous Buck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1595CMNTWG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1595CMNTWG Datasheet HTML 1Page - ON Semiconductor NCP1595CMNTWG Datasheet HTML 2Page - ON Semiconductor NCP1595CMNTWG Datasheet HTML 3Page - ON Semiconductor NCP1595CMNTWG Datasheet HTML 4Page - ON Semiconductor NCP1595CMNTWG Datasheet HTML 5Page - ON Semiconductor NCP1595CMNTWG Datasheet HTML 6Page - ON Semiconductor NCP1595CMNTWG Datasheet HTML 7Page - ON Semiconductor NCP1595CMNTWG Datasheet HTML 8Page - ON Semiconductor NCP1595CMNTWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NCP1595, NCP1595A, NCP1595C
http://onsemi.com
3
APPLICATION CIRCUIT
Figure 2. NCP1595/A/C
VCCP
VCC
NC/EN
LX
GND
FB
Vin
4.0 V − 5.5 V
Vout
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Pin (Pin 4, 5) to GND
Vin
6.5
−0.3 (DC)
−1.0 (t < 100 ns)
V
LX to GND
LX
Vin + 0.7
Vin + 1.0 (t < 20 ns)
−0.7 (DC)
−5.0 (t < 100 ns)
V
All other pins
6.0
−0.3 (DC)
−1.0 (t < 100 ns)
V
Operating Temperature Range
TA
−40 to +85
°C
Junction Temperature
TJ
−40 to +150
°C
Storage Temperature Range
TS
−55 to +150
°C
Thermal Resistance Junction−to−Air (Note 1)
RqJA
68.5
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. RqJA measured on approximately 1x1 inch sq. of 1 oz. Copper.


Similar Part No. - NCP1595CMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1595CMNTWG ONSEMI-NCP1595CMNTWG Datasheet
354Kb / 13P
   Synchronous GBuck Regulator
March, 2014 ??Rev. 11
More results

Similar Description - NCP1595CMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1595 ONSEMI-NCP1595_12 Datasheet
348Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
March, 2012 ??Rev. 9
FAN53763 ONSEMI-FAN53763 Datasheet
288Kb / 12P
   1.5 A Synchronous Buck Regulator
October, 2017 ??Rev. 1
FAN53713 ONSEMI-FAN53713 Datasheet
437Kb / 12P
   1.5 A Synchronous Buck Regulator
September, 2017 ??Rev. 0
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
   1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
   1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
NCP1597B ONSEMI-NCP1597B_13 Datasheet
349Kb / 13P
   1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
NCP1593 ONSEMI-NCP1593_12 Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1597A ONSEMI-NCP1597A Datasheet
350Kb / 13P
   1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
NCP1597B ONSEMI-NCP1597B Datasheet
168Kb / 9P
   1 MHz, 2 A Synchronous Buck Regulator
October, 2009 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com